Electronic Components Datasheet Search
  English  ▼

X  

TMP88CS38 Datasheet(PDF) 130 Page - Toshiba Semiconductor

Part # TMP88CS38
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38 Datasheet(HTML) 130 Page - Toshiba Semiconductor

Back Button TMP88CS38 Datasheet HTML 126Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 127Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 128Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 129Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 130Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 131Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 132Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 133Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 134Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-130
2.13.1
Configuration
12-Bit Resolution PWM Output
7-Bit Resolution PWM output
Figure 2.13.1 PWM Output Circuit
clock
(fc/2 or fc/2
2)
Compare circuit
2
0
PWMCR2B
6
0
PWMCR2A
PWM control register 2B
PWM control register 2A
S
R
7
6
5
4
3
2
Internal counter
1
6
0
PWM data latch
6
0
Transfer buffer
6
0
PWMDBR2
4
PWM
5
PWM
6
PWM
7
PWM
8
PWM
9
PWM
14 13 12 11 10 9
8
7
6
543
21
clock
Internal counter (1)
Internal counter (2)
(fc/2 or fc/2
2)
0
PWM
1
PWM
3
PWM
2
PWM
Additional pulse generate
circuit
13
8
PWM data latch
7
0
PWMDBR1
5
0
Transfer buffer (the upper)
7
0
PWM data latch
7
0
Transfer buffer (the lower)
2
0
PWMCR1B
60
PWMCR1A
PWM control register 1B
PWM control register 1A
S
R
Compare circuit
All “0”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com