Electronic Components Datasheet Search
  English  ▼

X  

TMP88CS38 Datasheet(PDF) 134 Page - Toshiba Semiconductor

Part # TMP88CS38
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38 Datasheet(HTML) 134 Page - Toshiba Semiconductor

Back Button TMP88CS38 Datasheet HTML 130Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 131Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 132Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 133Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 134Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 135Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 136Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 137Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 138Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-134
2.13.3
Control
PWM output is controlled by PWM control register (PWMCR1A, PWMCR1B, PWMCR2A,
PWMCR2B) and PWM data buffer register (PWMDBR1, PWMDBR2).
PWM Control Register 1A
7
6
5
4
3
2
1
0
RESOLUTION
PWMCR1A
(00028H)
−
ABORT1 START3 START2 START1 START0
1
0
(Initial value: *000 0000)
ABORT1
Abort PWM operation of
channel 3 to 0
0:
Operation
1:
PWM abort (PWM outputs are fixed to a high level.)
START3
Start channel 3
0:
Stop
3
PWM
1:
Start
3
PWM
START2
Start channel 2
0:
Stop
2
PWM
1:
Start
2
PWM
START1
Start channel 1
0:
Stop
1
PWM
1:
Start
1
PWM
START0
Start channel 0
0:
Stop
0
PWM
1:
Start
0
PWM
RESOLUTION1 Select channel 1 resolution
0:
14-bit resolution
1:
12-bit resolution
RESOLUTION2 Select channel 0 resolution
0:
14-bit resolution
1:
12-bit resolution
Write
only
Note 1:
*: Don’t care
Note 2
After set the ABORT1 to “1”, the ABORT1 is cleared to “0” automatically.
Note 3:
PWMCR1A is write-only register and cannot be used with any of the read-modify-write instructions such
as SET, CLR, etc.
PWM Control Register 1B
7
6
5
4
3
2
1
0
PWMCHS1
PWMCR1B
(00029H)
PWMHL
(Initial value: **** *000)
PWMCHS1
Select the PWM data latch of
12-bit PWM channel
00: Channel 0
01: Channel 1
10: Channel 2
11: Channel 3
PWMHL
Select upper or lower data
transfer buffer (PWMDBR1)
0:
Lower 8 bits
1:
Upper 4 bits or 6 bits
Write
only
Note 1:
*: Don’t care
Note 2:
PWMCR1B is write-only register and cannot be used with any of the read-modify-write instructions such
as SET, CLR, etc.
PWM Data Buffer Register 1
7
6
5
4
3
2
1
0
PWMDBR1
(0002AH)
Write only
(Initial value: 0000 0000)
Note 1:
PWMDBR1 is write-only register and cannot be used with any of the read-modify-write instructions such
as SET, CLR, etc.
Note 2:
When operation mode is changed from STOP mode to NORMAL mode, PWMCR1A, PWMCR1B are
initialized.
Figure 2.13.3 PWM Control Register 1A/1B and PWM Data Buffer Register 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com