Electronic Components Datasheet Search
  English  ▼

X  

TMP88CS38 Datasheet(PDF) 137 Page - Toshiba Semiconductor

Part # TMP88CS38
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38 Datasheet(HTML) 137 Page - Toshiba Semiconductor

Back Button TMP88CS38 Datasheet HTML 133Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 134Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 135Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 136Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 137Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 138Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 139Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 140Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 141Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-137
2.
PWM2
to PWM3
a) Write the channel number of PWM data latch to PWMCHS1 and clear
PWMHL to “0”.
b) Write the lower 8-bit PWM output data to PWMDBR1.
c) Write the channel number of PWM data latch to PWMCHS1 and set PWMHL
to “1”.
d) Write the upper 4-bit PWM output data to PWMDBR1.
e) Set STARTx (x: 2, 3) to “1”.
1) Data transfer timing and STOP/ABORT timing (X: 0 to 3)
2) Restart timing when operating for 1ch or more
3) Restart timing after all channels stop
Figure 2.13.6 Waveform of PWM0 to PWM3
Note:
PWM output data must be write to PWMDBR1 in the order of the lower 8-bit PWM output data, the
upper 4-bit (or 6-bit) PWM output data. If the upper 4-bit (or 6-bit) PWM output data is write to
PWMDBR1, the lower 8-bit PWM output data is not changed (except when lower 8-bit PWM output
data is “00H”).
TS
TS
TM
TM
m
× t0
n
× t0
Writing PWMDBR1
(Data m to n)
TS
STARTx
= 0
or
The lower 8-bit of PWM data latch
= 00H
TS
ABORT1
= 1
or
STOP mode
PWMx
PWMx
PWMx
Restarting PWM1
Restarts after one cycle.
0
PWM
1
PWM
TM
TM
Start command
TM
TM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com