Electronic Components Datasheet Search
  English  ▼

X  

TMP88CS38 Datasheet(PDF) 135 Page - Toshiba Semiconductor

Part # TMP88CS38
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38 Datasheet(HTML) 135 Page - Toshiba Semiconductor

Back Button TMP88CS38 Datasheet HTML 131Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 132Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 133Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 134Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 135Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 136Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 137Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 138Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 139Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-135
PWM Control Register 2A
7
6
5
4
3
2
1
0
PWMCR2A
(00FF5H)
−
ABORT2 START9 START8 START7 START6 START5 START4
(Initial value: *000 0000)
ABORT2
Abort PWM operation of
channel 9 to 4
0:
Operation
1:
PWM abort
START9
Start channel 9
0:
Stop
9
PWM
1:
Start
9
PWM
START8
Start channel 8
0:
Stop
8
PWM
1:
Start
8
PWM
START7
Start channel 7
0:
Stop
7
PWM
1:
Start
7
PWM
START6
Start channel 6
0:
Stop
6
PWM
1:
Start
6
PWM
START5
Start channel 5
0:
Stop
5
PWM
1:
Start
5
PWM
START4
Start channel 4
0:
Stop
4
PWM
1:
Start
4
PWM
Write
only
Note 1:
*: Don’t care
Note 2
After set the ABORT2 to “1”, the ABORT2 is cleared to “0” automatically.
Note 3:
PWMCR2A is write-only register and cannot be used with any of the read-modify-write instructions such
as SET, CLR, etc.
PWM Control Register 2B
7
6
5
4
3
2
1
0
PWMCHS2
PWMCR2B
(00FF6H)
(Initial value: **** *000)
PWMCHS2
Select the PWM data latch of
7-bit PWM channel
000: Channel 4
001: Channel 5
010: Channel 6
011: Channel 7
100: Channel 8
101: Channel 9
110: Reserved
111: Reserved
Write
only
Note 1:
*: Don’t care
Note 2:
PWMCR2B is write-only register and cannot be used with any of the read-modify-write instructions such
as SET, CLR, etc.
PWM Data Buffer Register 2
7
6
5
4
3
2
1
0
PWMDBR2
(00FF7H)
Write only
(Initial value: *000 0000)
Note 1:
*: Don’t care
Note 2:
PWMDBR2 is write-only register and cannot be used with any of the read-modify-write instructions such
as SET, CLR, etc.
Note 3:
When operation mode is changed from STOP mode to NORMAL mode, PWMCR2A, PWMCR2B are
initialized.
Figure 2.13.4 PWM Control Register 2A/2B and PWM Data Buffer Register 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com