Electronic Components Datasheet Search
  English  ▼

X  

TMP88CS38 Datasheet(PDF) 141 Page - Toshiba Semiconductor

Part # TMP88CS38
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38 Datasheet(HTML) 141 Page - Toshiba Semiconductor

Back Button TMP88CS38 Datasheet HTML 137Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 138Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 139Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 140Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 141Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 142Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 143Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 144Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 145Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-141
2.14.2
Control
The test video signal output circuit can be controlled with the test video signal control
register.
7
6
5
4
3
2
1
0
TVSCR
(00FE6H)
SGEN SGVBLK SGPAL
SGIV
SGCHS
“0”
SGPAT
“0”
(Initial value: 0000 0000)
SGEN
SG function selection
0:
Disable
1:
Enable
SGVBLK
Picuture signal for VBLK duration
time
0:
Output
1:
No output
SGPAL
PAL/NTSC selection
0:
NTSC
1:
PAL
SGIV
Pattern monochromatic inversion
0:
No inversion
1:
Inversion
SGCHS
OSD synchronous signal selection
0:
Port
1:
Pseudo signal circuit
SGPAT
Display pattern
000:Black on the whole screen
001:White on the whole screen
010:Cross hatch
011:Cross dot pattern
100:Cross bar
101:White on the upper side/black on the lower side
110:H signal pattern
111:H resolution pattern
Write
only
Note 1:
Test video signal output function does work correctly when fc is not 16 MHz.
Note 2:
Clear the bit2 and bit0 of TVSCR to “0”.
Figure 2.14.2 Test Video Signal Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com