Electronic Components Datasheet Search
  English  ▼

X  

TMP88CS38 Datasheet(PDF) 144 Page - Toshiba Semiconductor

Part # TMP88CS38
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38 Datasheet(HTML) 144 Page - Toshiba Semiconductor

Back Button TMP88CS38 Datasheet HTML 140Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 141Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 142Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 143Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 144Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 145Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 146Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 147Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 148Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-144
2.15 On-screen Display (OSD) Circuit
The TMP88CS38/CM38A/CP38A features a built-in on-screen display circuit used to display
characters and symbols on the TV screen. There are 384 characters and any characters can be
displayed in an area of 32 columns
× 12 lines (Include 2 columns for solid space). With an OSD
interrupt, additional lines can be displayed. The functions of the OSD circuit meet the
requirements of on-screen display functions of closed caption decoders based on FCC standards.
OSD circuit functions are as follows:
(1) Number of character fonts:
384
(2) Number of display characters:384 (32 columns
× 12 lines)
(3) Composition of character:
Horizontal 16
× vertical 18 dots
(4) Character sizes:
3 kinds for large, middle and small characters
(Selectable line by line)
(5) Character ornamentation function
Fringing function
Smoothing function
Slant function (Italics)
Blinking function
Underline
(6) Solid space
(7) Area plane function: 2 planes
(8) Full-raster blanking function
(9) Display colors
Character colors: 8 or 15 colors (Selectable character by character)
Fringe color:
8 or 15 colors (Selectable page by page)
Background color: 8 or 15 colors (Selectable page by page)
Area plane color: 8 or 15 colors (Selectable each of 2 planes)
Raster color:
8 or 15 colors (Selectable page by page)
(10) Display position: 256 horizontal steps and 512 vertical steps for code plane
: 512 horizontal steps and 512 vertical steps for Area plane
(11) Window function: 512 vertical steps
(12) Half transparency output function
The TMP88CS38/CM38A/CP38A outputs OSD through 3 planes; code, area, and raster. 3
planes function independently. In addition, they are displayed simultaneously. There is the
priority among these 3 planes, so they are displayed on a screen according to the priority.
These 3 planes have the priority such as
Code
> Area > Raster.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com