Electronic Components Datasheet Search
  English  ▼

X  

TMP88CS38 Datasheet(PDF) 147 Page - Toshiba Semiconductor

Part # TMP88CS38
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38 Datasheet(HTML) 147 Page - Toshiba Semiconductor

Back Button TMP88CS38 Datasheet HTML 143Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 144Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 145Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 146Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 147Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 148Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 149Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 150Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 151Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-147
(2) Display memory
Each character of the 384 characters displayed in 32 columns
× 12 lines consists of 16
bits in the display memory. Five data items are written to the display memory:
character code, color data, blinking specification, underline enable, and slant enable.
There are two modes for writing display data to the display memory. One mode is
used for writing all display data (Character code, color data, blinking specification,
underline enable, and slant enable) simultaneously. The other mode is used for
changing either character codes or the remaining data items (Color data, blinking
specification, underline enable, and slant enable). How to write display data to the
display memory is described in section 2.15.5.7 (1).
Note:
The display memory is in an unknown state at reset.
Display memory configuration
•
Character code specification register (9 bits)................ CRA8 to CRA0
•
Color data specification register (4 bits) ....................... IDT/RDT/GDT/BDT
•
Blinking specification register (1 bit) ............................ BLF
•
Underline enable register (1 bit).................................... EUL
•
Slant enable register (1 bit) ........................................... SLNT
SLNT
EUL
BLF
IDT
RDT
GDT
BDT
CRA8
CRA7
CRA6
CRA5
CRA4
CRA3
CRA2
CRA1
CRA0
Figure 2.15-3 Display Memory Bit Configuration
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
1
000 001 002 003 004 005 006 007 008 009 00A 00B 00C 00D 00E 00F 010 011 012 013 014 015 016 017 018 019 01A 01B 01C 01D 01E 01F
2
020 021 022 023 024 025 026 027 028 029 02A 02B 02C 02D 02E 02F 030 031 032 033 034 035 036 037 038 039 03A 03B 03C 03D 03E 03F
3
040
4
060
5
080
6
0A0
7
0C0
8
0E0
9
100
10
120
11
140
12
160
17F
Note:
Numerals in the table indicate (Hexadecimal) addresses in the display memory.
Figure 2.15-4 Display Memory Address Configuration
Column
Line
Character color specification register
Blinking specification register
Underline enable register
Slant enable register
Character code specification register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com