Electronic Components Datasheet Search
  English  ▼

X  

TMP88CS38 Datasheet(PDF) 151 Page - Toshiba Semiconductor

Part # TMP88CS38
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38 Datasheet(HTML) 151 Page - Toshiba Semiconductor

Back Button TMP88CS38 Datasheet HTML 147Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 148Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 149Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 150Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 151Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 152Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 153Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 154Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 155Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-151
Figure 2.15-8 VD / HD input and VDPOL/HDPOL
(4) Y/BL signal select function
This function is used to select either Y or BL signal output from the Y/BL pin.
Y/BL signal select register (1 bit)...........BLCS (Bit7 in ORP6S)
“0”
......... Y signal output
“1”
......... BL signal output
Y signal............. Output in all OSD areas (Logical OR for R, G, B data
as character data, fringing data, area data, etc.)
BL signal .......... When EXBL is “0”:
Output in all display character areas
(except for character code 000H: Blank character)
When EXBL is “1”:
Output in the whole page
(5) I signal function select
When PISEL (Bit6 in ORETC) is set to “1” and PIDS (Bit3 in ORP6S) is set to “0”,
Port 57 (I pin) can be used as half transparency/half tone through an extra circuit.
At half transparency/half tone function, contents of IDT (Bit3 in ORDSN) is
make no sense. Therefore character color are limited to 8 colors.
Similarly background color, fringing color, raster plane color and area plane
color are limited to 8 colors.
When PISEL (Bit6 in ORETC) sets to “0” and, PIDS (Bit3 in ORP6S) set to “0”,
15 colors to be selectable.
(6) R, G, B, Y/BL Internal/external signal select.
Selects either R, G, B, and Y/BL signals from the internal OSD circuit, or RIN,
GIN, BIN, and Y/BLIN signals from external input.
P71 ( VD )
Register setting for the
following waveform
Input waveform to P70, P71
VDPOL
= 0
HDPOL
= 0
P70 ( HD )
P71 ( VD )
VDPOL
= 1
HDPOL
= 0
P70 ( HD )
P71 ( VD )
VDPOL
= 0
HDPOL
= 1
P70 ( HD )
P71 ( VD )
VDPOL
= 1
HDPOL
= 1
P70 ( HD )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com