Electronic Components Datasheet Search
  English  ▼

X  

TMP88CS38 Datasheet(PDF) 150 Page - Toshiba Semiconductor

Part # TMP88CS38
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38 Datasheet(HTML) 150 Page - Toshiba Semiconductor

Back Button TMP88CS38 Datasheet HTML 146Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 147Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 148Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 149Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 150Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 151Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 152Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 153Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 154Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-150
2.15.5
OSD Function
2.15.5.1 Signal Control (Port I/O)
(1) P6 port output select function
This function is used to select whether the contents of port P57, P67 to P64 will
be output or I, R, G, B, Y/BL signals of the OSD circuit will be output on pins P57,
P67 to P64.
P57 port output select registers (1 bit): PIDS (Bit3 in ORP6S)
PIDS
= 0
PIDS
= 1
P57
I
Port
P67 to P64 port output select registers (4 bits): P67S, P66S, P65S, P64S, (Bit7 to
4 in ORP6S)
P6nS
= 0
P6nS
= 1
P64
R
P65
G
P66
B
P67
Y/BL
Port
(2) OSD pin output polarity control function
This function is used to select the polarity of the OSD outputs for RGB, I and
Y/BL.
Output polarity control register (4 bits) ...... BLIV, YIV, RGBIV, IIV (Bit3 to 0 in
ORIV)
“0”
.... Active high
“1”
.... Active low
(3) OSD pin input polarity control
Input polarity control
Input polarity control register of RIN/GIN/BIN/Y/BLIN (2 bits)
For Y/BLIN ................................... YBLII (Bit5 in ORIV)
For RIN, GIN, and BIN ............... RGBII (Bit4 in ORIV)
Input polarity control
YBLII,
RGBII
“0”
...
Active high
“1”
...
Active low
Input polarity control register of HD / VD (2 bits)
For VD ............ VDPOL (Bit7 in ORIV)
For HD ........... HDPOL (Bit6 in ORIV)
Input polarity control
VDPOL, HDPOL
“0”
.........
Not invert input signal
“1”
.........
Invert input signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com