Electronic Components Datasheet Search
  English  ▼

X  

TMP88CS38 Datasheet(PDF) 146 Page - Toshiba Semiconductor

Part # TMP88CS38
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38 Datasheet(HTML) 146 Page - Toshiba Semiconductor

Back Button TMP88CS38 Datasheet HTML 142Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 143Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 144Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 145Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 146Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 147Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 148Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 149Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 150Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-146
2.15.2
Character ROM and Display Memory
(1) Character ROM
The character ROM contains 384 character fonts. The user can set fonts as desired.
The character ROM consists of 384 characters in 16
× 18 dots (Character codes 000H to
17FH). Each dot corresponds to one bit in the character ROM. When a bit in the
character ROM is set to “1”, the corresponding dot is displayed; if set to “0”, the dot is
not displayed. The start address in the character ROM corresponding to a character
code is determined by the following expression:
Start address in character ROM
= CRA × 40H + 20000H
Since character code 000H is used as blank character, the character font for this
character code cannot be changed. Write “0” in the data of character code 000H.
Write the data “FFH” to all unused address (5th bit of an address is “1” and also the
lower 4 bits of an address are 2H to FH) in character ROM.
Figure 2.15-2 (a) shows an example of the character font configuration for the
character code 000H and 001H, together with the ROM addresses and data.
Figure 2.15.2 (b) shows the character ROM dump list for these 2 character fonts.
Note 1: CRA: Character code (000H to 17FH).
Note 2: A data can not be read from character ROM by software.
Note 3: When ordering a mask, load the data to character ROM at addresses 20000H to
25FFFH.
And the data in unused are of character ROM are must be specified to FFH.
20000/
00
00
00
00
00
00
00
00
00
00
00
00
00
00
00
00
20010/
00
00
FF
FF
FF
FF
FF
FF
FF
FF
FF
FF
FF
FF
FF
FF
20020/
00
00
00
00
00
00
00
00
00
00
00
00
00
00
00
00
20030/
00
00
FF
FF
FF
FF
FF
FF
FF
FF
FF
FF
FF
FF
FF
FF
20040/
3F
7F
E0
C0
00
00
00
01
03
07
0E
1C
38
70
FF
FF
20050/
00
00
FF
FF
FF
FF
FF
FF
FF
FF
FF
FF
FF
FF
FF
FF
20060/
C0
E0
70
30
30
70
E0
C0
80
00
00
00
00
00
F0
F0
20070/
00
00
FF
FF
FF
FF
FF
FF
FF
FF
FF
FF
FF
FF
FF
FF
Note:
Shared portions indicate unused data.
Figure 2.15-2 Character Font Configuration and ROM Dump List
20000
20001
20002
20003
20004
20005
20006
20007
20008
20009
2000A
2000B
2000C
2000D
2000E
2000F
20010
20011
00
00
00
00
00
00
00
00
00
00
00
00
00
00
00
00
00
00
Address
(Hex)
Data
(Hex)
20020
20021
20022
20023
20024
20025
20026
20027
20028
20029
2002A
2002B
2002C
2002D
2002E
2002F
20030
20031
00
00
00
00
00
00
00
00
00
00
00
00
00
00
00
00
00
00
Address
(Hex)
Data
(Hex)
(Character code 000H)
7 6 5 4 3 2 1 0
Bit
7 6 5 4 3 2 1 0
Bit
(a) Character font configuration
20040
20041
20042
20043
20044
20045
20046
20047
20048
20049
2004A
2004B
2004C
2004D
2004E
2004F
20050
20051
3F
7F
E0
C0
00
00
00
01
03
07
0E
1C
38
70
FF
FF
00
00
Address
(Hex)
Data
(Hex)
20060
20061
20062
20063
20064
20065
20066
20067
20068
20069
2006A
2006B
2006C
2006D
2006E
2006F
20070
20071
C0
E0
70
30
30
70
E0
C0
80
00
00
00
00
00
F0
F0
00
00
Address
(Hex)
Data
(Hex)
(Character code 001H)
7 6 5 4 3 2 1 0
Bit
7 6 5 4 3 2 1 0
Bit
(b) ROM dump list



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com