Electronic Components Datasheet Search
  English  ▼

X  

TMP88CS38 Datasheet(PDF) 148 Page - Toshiba Semiconductor

Part # TMP88CS38
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38 Datasheet(HTML) 148 Page - Toshiba Semiconductor

Back Button TMP88CS38 Datasheet HTML 144Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 145Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 146Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 147Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 148Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 149Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 150Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 151Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 152Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-148
2.15.3
OSD Circuit Control
The OSD circuit performs control functions using the OSD control registers which reside
in addresses 0001DH to 0001FH and 00024H to 00025H in the special function registers
(SFR), and in addresses 0F80H to 0FBFH in the data buffer register (DBR). Section
2.15.5.9 shows the OSD control registers. The OSD control registers are used to set display
start position, display character designs (that is, fringing, smoothing, color data, character
size, and etc.), display memory addresses, and character codes.
Setting the display on-off control bit, DON, (Bit0 in ORDON) to “1” enables display
(Starts display). Setting DON to “0” disables display (Halts display).
Note:
The contents of OSD control registers except PIDS, P67S to P64S, ORCLKF, CRCLKC
are initialized in STOP mode. Then, OSD display clock does not stop in STOP mode.
Therefore, clear ORCLKC to “00H” when stop the OSD display clock.
2.15.4
OSD Control Register Write
There are lists of the OSD control registers on Figure 2.15-30 and Figure 2.15-31.
When data is written into a shaded register, the data is transferred to the OSD circuit,
and then the data becomes valid. After data is written into an unshaded register, the data
is transferred to the OSD circuit, and then the data becomes valid.
To transfer the contents of a control register to the OSD circuit, use data transfer request
register RGWR (Bit2 in ORDON).
Setting “1” in the RGWR register outputs the transfer request signal to the OSD circuit.
Three instruction cycles later, transfer of the written data to the OSD circuit starts. While
the data is being transferred, data transfer status monitoring flag RGWR (Bit2 in ORDON)
is “1”. When this transfer is completed, the flag is cleared to “0”.
Written data transfer register (1 bit) ....... RGWR (Bit2 in ORDON)
“0”
.........
Initialized state
“1”
.........
Transfers written data to OSD circuit.
(after transfer, RGWR is reset to 0.)
Note:
Don’t write “0” to RGWR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com