Electronic Components Datasheet Search
  English  ▼

X  

TMP88CS38 Datasheet(PDF) 149 Page - Toshiba Semiconductor

Part # TMP88CS38
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38 Datasheet(HTML) 149 Page - Toshiba Semiconductor

Back Button TMP88CS38 Datasheet HTML 145Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 146Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 147Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 148Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 149Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 150Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 151Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 152Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 153Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-149
(1) RGWR system
Figure 2.15-5 RGWR System
(2) Transfer timing
1. No display area
When having set RGWR to “1” during no display area, the timing OSD register
can be transferred is at the falling edge of HD signal.
Figure 2.15-6 Data Transfer Timing in No Display Area
2. Display area (Including any lines specified as display off by character size)
When having set RGWR to “1” during display area, the timing OSD register can
be transferred is at the falling edge of HD signal when the display line has been
finished.
Figure 2.15-7 Data Transfer Timing in Display Area
OSD circuit
Q
D
LE
Transfer pulse by RGWR
= 1
Register specified by RGWR
Set RGWR register to “1”
Clear RGWR
Transfer the contents of OSD registers
into OSD circuit
Data transfer pulse
RGWR register
HD
Set RGWR register to “1”
Clear RGWR
Transfer the contents of OSD registers
into OSD circuit
Data transfer pulse
RGWR register
HD
Display line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com