Electronic Components Datasheet Search
  English  ▼

X  

TMP88CS38 Datasheet(PDF) 153 Page - Toshiba Semiconductor

Part # TMP88CS38
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38 Datasheet(HTML) 153 Page - Toshiba Semiconductor

Back Button TMP88CS38 Datasheet HTML 149Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 150Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 151Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 152Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 153Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 154Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 155Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 156Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 157Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-153
2.15.5.2 OSD Data Output Format Control
(1) Scan mode
The double scan mode is used to handle non-interlaced scanning TV. When
double scan mode is enabled, the vertical display counter increases every 2 scan
lines and a vertical size of a dot is double. This function is enabled by setting
VDSMD (Bit7 in ORETC) in the OSD control register to “1”.
Scan mode select register (1 bit)......... VDSMD (Bit7 in ORETC)
“0”
......... Normal mode
“1”
......... Double scan mode
Note 1: The data written to those control register is transferred to the OSD circuit and
become valid when the data is written.
Note 2: When OSD circuit is used on an interlace scanning TV, a jitter elimination
circuit must be enabled and set AFLD to “1” in JECR.
Table 2.15.1 The Difference of 2 Types of Scan Mode
Normal Mode
Double Scan Mode
Specification unit of vertical display
start position
One scanning line
Two scanning lines
1 dot height
−
Normal mode height
× 2
Figure 2.15-9 Scan Mode
Normal mode
Double scan mode
Interlace scanning
Normal mode
Double scan mode
Non-interlace scanning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com