Electronic Components Datasheet Search
  English  ▼

X  

TMP88CS38 Datasheet(PDF) 154 Page - Toshiba Semiconductor

Part # TMP88CS38
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38 Datasheet(HTML) 154 Page - Toshiba Semiconductor

Back Button TMP88CS38 Datasheet HTML 150Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 151Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 152Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 153Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 154Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 155Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 156Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 157Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 158Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-154
2.15.5.3 Display Position Control
(1) Code display position setting
1. Horizontal display start position
The horizontal display start position can be set in 256 steps by writing to OSD
control registers HS17 to HS10 (Bit7 to 0 in ORHS1). The value is in common with
all lines.
Specification unit: 2 TOSC
Specification steps: 256
Specification horizontal display start position: Line 1 to 12: HS17 to HS10
(ORHS1)
HS1
= (HS17 to HS10) H × 2TOSC + 20TOSC (Line1 to 12)
Note 1: TOSC: One cycle of OSD oscillation.
Note 2: The data written to these control registers is transmitted to OSD circuit by
setting RGWR (Bit2 in ORDON) to “1”.
2. Vertical display start position
The vertical display start position can be specified for each display line using
512 steps by writing to VSn8 to VSn0 (in ORVSn (n:1 to 12)).
Specification unit: 1 scan line
Specification steps: 512
Specification vertical display start position:
Line1: VS18 to VS10 (ORVS 1)
Line2: VS28 to VS20 (ORVS 2)
...
Line12: VS128 to VS120 (ORVS 12)
Line n: VSn
= (VSn8 to VSn0) H × 1THD (n: 1 to 12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com