Electronic Components Datasheet Search
  English  ▼

X  

TMP88CS38 Datasheet(PDF) 155 Page - Toshiba Semiconductor

Part # TMP88CS38
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38 Datasheet(HTML) 155 Page - Toshiba Semiconductor

Back Button TMP88CS38 Datasheet HTML 151Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 152Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 153Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 154Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 155Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 156Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 157Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 158Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 159Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-155
Note 1: THD: One cycle of HD signal.
Note 2: The data written to these control registers is transmitted to OSD circuit by
setting RGWR
(Bit2 in ORDON) to “1”.
Note 3: If display lines are overlapped each other, previous display line is enabled and
next line is disabled.
If vertical display start positions of two or more lines are set on same value,
high priority line is enabled. Lines of OSD (VS1 to VS12) are fixed priority
levels as follows:
VS1
> VS2 > VS3 > ...... > VS12
Set the vertical display start position not to overlap display lines.
Note 4: The line which is displayed off is managed as a small size character line.
Note 5: Transfer the contents of vertical display start position registers into OSD circuit
before the
position of the scanning line coincides with their own vertical display start
position.
(2) Area display position setting
The planes have the priority such as Code plane
> Area plane 1 > Area plane 2 >
Raster plane.
1. Horizontal display start and end position
The horizontal display start position can be set in 512 steps by writing to OSD
control registers AHSn8 to AHSn0 (Bit8 to 0 in ORAHSn). And also display stop
position is correspond to AHEn8 to AHEn0 (Bit8 to 0 in ORAHEn). (n: 1 to 2)
Horizontal display start position
AHSn
= (AHSn8 to AHSn0)H × 2TOSC
Horizontal display end position
AHEn
= (AHEn8 to AHEn0)H × 2TOSC
Note 1: TOSC: One cycle of OSD oscillation.
Note 2: If the horizontal display start position for characters is the same as that for
areas, the two positions are not displayed at the same time. The horizontal
display start position for characters is displayed 16 TOSC (Corresponding to a
register value of 8) later than that for areas.
VS5 (Display on, small character)
VS2 (Display canceled, middle character)
VS3 (Display on, small character)
Occasion of overlapping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com