Electronic Components Datasheet Search
  English  ▼

X  

TMP88CS38 Datasheet(PDF) 159 Page - Toshiba Semiconductor

Part # TMP88CS38
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38 Datasheet(HTML) 159 Page - Toshiba Semiconductor

Back Button TMP88CS38 Datasheet HTML 155Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 156Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 157Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 158Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 159Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 160Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 161Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 162Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 163Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-159
(2) Smoothing function
The smoothing function is used to make characters look smooth. Enabling
smoothing displays 1/4 dot between two dots connecting corner to corner within a
character. Small size character can not be enabled smoothing. Smoothing is
enabled by setting ESMZ (Bit4 in ORETC) in the OSD control register to “1”.
Smoothing specification unit:Display page
Smoothing specification register (1 bit) ..... ESMZ (Bit4 in ORETC)
“0”
......... Disable smoothing
“1”
......... Enable smoothing
Note:
Data of the register is transferred to the OSD circuit and become valid when
the data is written.
Figure 2.15-12 Available Form and Invalid Form for Smoothing
Figure 2.15-13 Smoothing Example
Before
After
Before
After
Available form for smoothing
Invalid form for smoothing
Original character
Smoothing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com