Electronic Components Datasheet Search
  English  ▼

X  

TMP88CS38 Datasheet(PDF) 160 Page - Toshiba Semiconductor

Part # TMP88CS38
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38 Datasheet(HTML) 160 Page - Toshiba Semiconductor

Back Button TMP88CS38 Datasheet HTML 156Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 157Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 158Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 159Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 160Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 161Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 162Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 163Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 164Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-160
(3) Fringing function
The fringing function is used to display a character with a fringe width is 1 dot
in a different color from that of the character. When a character is displayed with
the maximum of 18 vertical dots and 16 horizontal dots, the fringe exceeds right
and left, top, and bottom of the character display area. If there is an adjacent
character that outer dot is active, then this dot will overrule the fringe in the
horizontal direction. Underlines are not fringed.
Fringing is enabled for each line by setting EFR1 to EFR8 (OREFR8) and EFR9
to EFR12 (OREFR12) in the OSD control register to “1”.
A color for fringe is specified common to all lines using OSD control registers,
IFDT, RFDT, GFDT, and BFDT (Bit3 to 0 in ORBK).
Fringing specification unit: Line
Fringing enable register (1 bit
× 12) ... EFRn (n: 1 to 8) (OREFR8), EFRn (n: 9
to 12) (OREFR12)
“0”
......... Disable fringing
“1”
......... Enable fringing
Fringe colors: 8 or 15
Fringe color specification unit: Display page
Fringe color register (4 bits) .... IFDT, RFDT, GFDT, BFDT (Bit3 to 0 in ORBK)
I signal function select: PISEL (Bit6 in ORETC)
“0”
......... 15 colors specification
I pin can be used to make a half level of R, G, B signal
(Dark color) through an extra circuit.
“1”
......... 8 colors specification
Contents of IDT register is disregarded.
I pin can be used as half transparency/half tone
through an extra circuit.
Note:
The fringe of 1st column character does not exceed left, and the fringe of 32th
character does not exceed right.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com