Electronic Components Datasheet Search
  English  ▼

X  

TMP88CS38 Datasheet(PDF) 157 Page - Toshiba Semiconductor

Part # TMP88CS38
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38 Datasheet(HTML) 157 Page - Toshiba Semiconductor

Back Button TMP88CS38 Datasheet HTML 153Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 154Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 155Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 156Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 157Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 158Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 159Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 160Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 161Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-157
Table 2.15.2 Character Size and Display On/Off Specifications (n: 1 to 12)
CSn (Upper Bit)
CSn (Lower Bit)
Character Size
Display On/Off
1
1
Small
On
1
0
Middle
On
0
1
Large
On
0
0
−
Off
Note 1: The display off line operates like the width of small character size line thought
the character is not displayed.
Note 2: The data written to these control registers is transmitted to OSD circuit by
setting RGWR (Bit2 in ORDON) to “1”.
Note 3: When OSD circuit is used on an interlace scanning TV, a jitter elimination
circuit must be enabled and set AFLD to “1” in JECR.
Note 4: When VDSMD and AFLD are “0”, only character of even display dot is
displayed. (Refer to 2.16 a jitter elimination circuit.)
Table 2.15.3 Dot and Character Sizes
VDSMD
= 0 (Normal mode)
VDSMD
= 1 (Double scan mode)
Character Size
Character Size
Dot Size
EFRn
= 0
(Fringe off)
EFRn
= 1
(Fringe on)
Dot Size
EFRn
= 0
(Fringe off)
EFRn
= 1
(Fringe on)
Small
1TOSC × 0.5THD
16TOSC × 9THD
16TOSC × 11THD
1TOSC × 1THD 16TOSC × 18THD
16TOSC × 20THD
Middle
2TOSC × 1THD
32TOSC × 18THD
32TOSC × 20THD
2TOSC × 2THD 32TOSC × 36THD
32TOSC × 40THD
EULAn
= 0
(Underline
off)
Large
4TOSC × 2THD
64TOSC × 36THD
64TOSC × 40THD
4TOSC × 4THD 64TOSC × 72THD
64TOSC × 80THD
Small
1TOSC × 0.5THD 16TOSC × 12THD
16TOSC × 13THD
1TOSC × 1THD 16TOSC × 24THD
16TOSC × 25THD
Middle
2TOSC × 1THD
32TOSC × 24THD
32TOSC × 25THD
2TOSC × 2THD 32TOSC × 48THD
32TOSC × 50THD
EULAn
= 1
(Underline
on)
Large
4TOSC × 2THD
64TOSC × 48THD
64TOSC × 50THD
4TOSC × 4THD 64TOSC × 96THD 64TOSC × 100THD
TOSC: One cycle of OSD oscillation, THD: One cycle of HD signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com