Electronic Components Datasheet Search
  English  ▼

X  

IR35211 Datasheet(PDF) 2 Page - International Rectifier

Part # IR35211
Description  Dual Output Digital Multi-Phase Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR35211 Datasheet(HTML) 2 Page - International Rectifier

  IR35211 Datasheet HTML 1Page - International Rectifier IR35211 Datasheet HTML 2Page - International Rectifier IR35211 Datasheet HTML 3Page - International Rectifier IR35211 Datasheet HTML 4Page - International Rectifier IR35211 Datasheet HTML 5Page - International Rectifier IR35211 Datasheet HTML 6Page - International Rectifier IR35211 Datasheet HTML 7Page - International Rectifier IR35211 Datasheet HTML 8Page - International Rectifier IR35211 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 58 page
background image
 
 
Dual Output Digital Multi-Phase Controller
IR35211
www.irf.com   |  © 2014 International Rectifier
July 24, 2014  |  V1.00
2
ORDERING INFORMATION
 
IR35211M            
IR35211
40 Pin 6x6 QFN
Top View
1
40
2
3
4
5
6
7
10
8
9
30
29
28
27
26
25
24
21
23
22
39
38
37
36
35
34
33
32
31
11
12
13
14
15
16
17
18
19
20
41 GND
RCSP
RCSM
VRDY2
VSEN
VRTN
RRES
TSEN1
V18A
VRDY1
PWROK/EN_L2/
IN_MODE
NC
TSEN2/
VAUXSEN
PWM1
PWM2
PWM3
PWM1_L2
VRTN_L2
VSEN_L2
VCC
RCSM_L2
Figure 1: IR35211 Pin Diagram
P/PBF – Lead Free
TR – Tape & Reel / TY - Tray
yy – Configuration File ID
xx – Customer ID
Package Type (QFN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com