Electronic Components Datasheet Search
  English  ▼

X  

IR35211 Datasheet(PDF) 11 Page - International Rectifier

Part # IR35211
Description  Dual Output Digital Multi-Phase Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR35211 Datasheet(HTML) 11 Page - International Rectifier

Back Button IR35211 Datasheet HTML 7Page - International Rectifier IR35211 Datasheet HTML 8Page - International Rectifier IR35211 Datasheet HTML 9Page - International Rectifier IR35211 Datasheet HTML 10Page - International Rectifier IR35211 Datasheet HTML 11Page - International Rectifier IR35211 Datasheet HTML 12Page - International Rectifier IR35211 Datasheet HTML 13Page - International Rectifier IR35211 Datasheet HTML 14Page - International Rectifier IR35211 Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 58 page
background image
 
 
Dual Output Digital Multi-Phase Controller
IR35211
www.irf.com   |  © 2014 International Rectifier
July 24, 2014  |  V1.00
11
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Fault Protection
OVP Threshold During Start-up
(until output reaches 1V)
1.2
1.275
1.35
V
OVP Operating Threshold
1
(programmable)
Relative to VID
-
150 to
500
-
mV
Output UVP Threshold
1 (programmable)
Relative to VID
-
-150 to -
500
-
mV
OVP/UVP Filter Delay
1
-
160
-
ns
Fast OCP Range (per phase)
1
-
0 to 62
-
A
Fast OCP Filter Bandwidth
1
-
60
-
kHz
Slow OCP Filter Bandwidth
1
-
3.2/52
-
Hz
OCP System Accuracy
1
System excluding
DCR/sense resistor
-
±2
-
%
VR_HOT Range
1
-
64 to 127
-
°C
OTP Range
1
VR_HOT level + OTP
Range
-
64 to 134
-
°C
Dynamic Phase Control
Current Filter Bandwidth
1
For Phase drop
-
5.3
-
kHz
Timing Information
Automatic Configuration from MTP
1
t3-t2
3.3V ready to end of
configuration
-
-
1
ms
Automatic Trim Time
1
t4-t3
-
-
4
ms
EN Delay (to ramp start)
1
-
3
-
µs
VID Delay (to ramp start)
1
Loop bandwidth dependent
-
5
-
µs
VRDY1/2 Delay
1
After reaching Boot voltage
-
20
-
µs
Notes:
1 Guaranteed by design.
2 PWM operating frequency will vary slightly as the number of phases changes (increases/decreases) because of the internal calculation
involved in dividing a switching period evenly into the number of active phases.
3 System accuracy is for a temperature range of 0°C to +85°C. Accuracies will derate by a factor of 1.5x for temperatures outside the 0°C to
+85°C range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com