Electronic Components Datasheet Search
  English  ▼

X  

IR35211 Datasheet(PDF) 13 Page - International Rectifier

Part # IR35211
Description  Dual Output Digital Multi-Phase Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR35211 Datasheet(HTML) 13 Page - International Rectifier

Back Button IR35211 Datasheet HTML 9Page - International Rectifier IR35211 Datasheet HTML 10Page - International Rectifier IR35211 Datasheet HTML 11Page - International Rectifier IR35211 Datasheet HTML 12Page - International Rectifier IR35211 Datasheet HTML 13Page - International Rectifier IR35211 Datasheet HTML 14Page - International Rectifier IR35211 Datasheet HTML 15Page - International Rectifier IR35211 Datasheet HTML 16Page - International Rectifier IR35211 Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
 
 
Dual Output Digital Multi-Phase Controller
IR35211
www.irf.com   |  © 2014 International Rectifier
July 24, 2014  |  V1.00
13
Figure 4: Persistence plot of a 3Φ, 50A system
Figure 5: Persistence plot in 1Φ, 10A
HIGH-PRECISION VOLTAGE REFERENCE
The internal high-precision voltage reference supplies
the required reference voltages to the VID DACs,
ADCs and other analog circuits. This factory trimmed
reference is guaranteed over temperature and
manufacturing variations.
HIGH PRECISION CURRENT REFERENCE
An on-chip precision current reference is derived
using an off-chip precision resistor connected to the
RRES pin of the IR35211. RRES must be a 7.5kΩ,
1% tolerance resistor, placed very close to the
controller pin to minimize parasitics.
VOLTAGE SENSE
An error voltage is generated from the difference
between the target voltage, defined by the VID and
load line (if implemented), and the differential,
remotely sensed, output voltage. For each loop, the
error voltage is digitized by a high-speed, high-
precision ADC. An anti-alias filter provides the
necessary high frequency noise rejection. The gain
and offset of the voltage sense circuitry for each loop
is factory trimmed to deliver the required accuracy.
CURRENT SENSE
Lossless inductor DCR or precision resistor current
sensing is used to accurately measure individual
phase currents. Using a simple off-chip thermistor,
resistor and capacitor network for each loop, a
thermally compensated load line is generated to meet
the given power system requirement. A filtered
voltage, which is a function of the total load current
and the target load line resistance, is summed into
each voltage sense path to accomplish the Active
Voltage Positioning (AVP) function.
VID DECODER
The VID decoder receives a VID code from the CPU
that is converted to an internal code representing the
VID voltage. This block also outputs the signal for VR
disable if a VID shutdown code has been received.
The VID code is 8 bits in AMD SVI2 & Intel
VR12/VR12.5 mode and 7 bits in AMD SVI1 mode.
MOSFET DRIVER, POWER STAGE AND
DRMOS COMPATIBILITY
The output PWM signals of the IR35211 are designed
for compatibility with the CHL85xx family of active tri-
level (ATL) MOSFET drivers. CHL85xx drivers have a
fast disable capability which enables any phase to be
turned off on-the-fly. It supports power-saving control
modes, improved transient response, and superior on
the fly phase dropping without having to route multiple
output disable (ODB or SMOD) signals.
In addition, the IR35211 provides the flexibility to
configure PWM levels to operate with external
MOSFET drivers, Power Stages or driver-MOSFET
(DrMOS) devices that support Industry standard
+3.3V tri-state signaling.
I2C & PMBUS INTERFACE
An I2C or PMBus interface is used to communicate
with the IR35211. This two-wire serial interface
consists of clock and data signals and operates as
fast as 1MHz. The bus provides read and write access
to the internal registers for configuration and
monitoring of operating parameters and can also be
used to program on-chip non-volatile memory (MTP)
to store operating parameters.
PWM1
PWM1
PWM2
PWM3
Vdd
Vdd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com