Electronic Components Datasheet Search
  English  ▼

X  

IR35211 Datasheet(PDF) 21 Page - International Rectifier

Part # IR35211
Description  Dual Output Digital Multi-Phase Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR35211 Datasheet(HTML) 21 Page - International Rectifier

Back Button IR35211 Datasheet HTML 17Page - International Rectifier IR35211 Datasheet HTML 18Page - International Rectifier IR35211 Datasheet HTML 19Page - International Rectifier IR35211 Datasheet HTML 20Page - International Rectifier IR35211 Datasheet HTML 21Page - International Rectifier IR35211 Datasheet HTML 22Page - International Rectifier IR35211 Datasheet HTML 23Page - International Rectifier IR35211 Datasheet HTML 24Page - International Rectifier IR35211 Datasheet HTML 25Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
 
 
Dual Output Digital Multi-Phase Controller
IR35211
www.irf.com   |  © 2014 International Rectifier
July 24, 2014  |  V1.00
21
Figure 14: OCP_L (VR_HOT) assertion with
OCP_TDC (Slow) threshold. OCP delay action (22usec)
Thermal Based Protection
The IR35211 can also assert the PROC_HOT_L
(VR_HOT) pin when the temperature of the VR
exceeds a configurable temp_max threshold (typically
100°C). If the temperature continues to rise and
exceeds a second configurable threshold
(OTP_thresh) then the VR will shut down and latch
off. The VR can only be restarted if ENABLE or VCC
is cycled.
AMD SVI Address Programming
By default, loop 1 is addressed as the VDD rail and
loop 2 is addressed as the VDDNB rail which is
sufficient for most applications. The IR35211 however,
can also be configured with a single bit change to
swap this addressing scheme so that loop 1 can be
addressed as the VDDNB rail and loop 2 can be
addressed as the VDD rail. This is for application
where the VDDNB requires more than two phases
and VDD only requires two.
AMD GPU 2-BIT VID AND SVI MODES
Boot Voltage
The boot voltage is fully programmable in MTP to the
range shown in Table 8. Table 16 shows the Boot VID
table.
TABLE 8: VBOOT RANGE
Loop
Boot Voltage
Loop 1
Any VID code
Loop 2
Any VID code
The IR35211 provides flexible sequencing options
which are configured in MTP per Table 9.
TABLE 9: SEQUENCE MODE TABLE
Loop 1 & Loop 2 start together (default)
Loop 2 starts when Loop 1 VRRDY=high
Loop 1 starts when Loop 2 VRRDY=high
Additionally, a start-up delay of values shown in Table 10
can be inserted immediately after the EN signal is driven
high or in between the sequencing of the two loops
(Table 11).
TABLE 10: START-UP DELAY
0.0 ms (default)
0.25 ms
0.5 ms
1.0 ms
2.5 ms
5.0 ms
10.0 ms
TABLE 11: DELAY POSITION
After ENABLE
Between the 2 loops
The slew rates for both loops are set independently.
Some common start-up combinations are shown in
Figure 15 and Figure 16.
Figure 15: Loop 1 & Loop 2 start together
with 0.25ms delay from Enable
OCP Delay
(slow)
Over-current
detected
VR shuts
down
Vdd
Idd
OCP_L
PG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com