Electronic Components Datasheet Search
  English  ▼

X  

IR35211 Datasheet(PDF) 28 Page - International Rectifier

Part # IR35211
Description  Dual Output Digital Multi-Phase Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR35211 Datasheet(HTML) 28 Page - International Rectifier

Back Button IR35211 Datasheet HTML 24Page - International Rectifier IR35211 Datasheet HTML 25Page - International Rectifier IR35211 Datasheet HTML 26Page - International Rectifier IR35211 Datasheet HTML 27Page - International Rectifier IR35211 Datasheet HTML 28Page - International Rectifier IR35211 Datasheet HTML 29Page - International Rectifier IR35211 Datasheet HTML 30Page - International Rectifier IR35211 Datasheet HTML 31Page - International Rectifier IR35211 Datasheet HTML 32Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 58 page
background image
 
 
Dual Output Digital Multi-Phase Controller
IR35211
www.irf.com   |  © 2014 International Rectifier
July 24, 2014  |  V1.00
28
Note the Vmax register must be set appropriately to
allow the required output voltage offset.
Intel Reporting Offsets
In addition to the mandatory features of the SVID bus,
the IR35211 provides optional volatile SVID registers
which allow the user to offset the reporting on the
SVID interface as detailed in Table 22.
TABLE 22: SVID OFFSET REGISTERS
Parameter
Memory
Range
Step size
Output Current
NVM
-4A to +3.75A
0.25A
Temperature
R/W
-32°C to +31°C
1°C
VR12.5 Operation
VR12.5 mode is selectable via either a MTP bit or
external pin (INMODE) pulled low. The boot voltage in
VR12.5 is also selectable and can be taken from
either the boot registers (Table 27) or from 4 fixed VID
values (Table 23).
TABLE 23: VR12.5 BOOT VOLTAGES
0V
1.65V
1.7V
1.75V
Memory (MPoL) Mode
In MPoL mode the IR35211 configures Loop 2 VID to
50% of Loop 1. Communication with and control of the
IR35211 may occur either through the SVID interface
where an Intel SVID Master is present or alternatively
through the I2C/SMBus/PMBus interface for non-Intel
applications.
The IR35211 follows startup and timing requirements
as shown in Figure 18 and Table 24. When the power-
on sequence is initiated, and with VBOOT set to > 0V,
both rails will ramp to their configured voltages and
assert VR_READY_L1 and VR_READY_L2. The slew
rates for both loops are set independently per Table 3.
If tracking is required during the slew, then care must
be taken to ensure that the Loop 2 slew rate is set to
½ of the Loop 1 slew rate. Typical MPoL start-up and
shut-down waveforms are shown in Figure 19 and
Figure 20.
Figure 18: MPoL Startup
TABLE 24: MPOL START-UP TIMING
Time
Description
Min
Typ
Max
TA
VR_EN to Loop 1 start
3µs
TB
Loop 2 delay
Table
25
TC
Voltage ramp complete to
VR_RDY_L1/L2
1µs
Figure 19: MPoL Tracking Startup
Figure 20: MPoL Tracking Shutdown
In MPoL mode, Loop 2 start-up can be delayed
relative to Loop 1 according to Table 25.
TABLE 25: MPOL LOOP 2 START-UP DELAY
Loop 2 Delay
0 – 678.3usec in 2.66usec Steps
Vout 1
Vout 2
Vout 1
Vout 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com