Electronic Components Datasheet Search
  English  ▼

X  

IR35211 Datasheet(PDF) 32 Page - International Rectifier

Part # IR35211
Description  Dual Output Digital Multi-Phase Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR35211 Datasheet(HTML) 32 Page - International Rectifier

Back Button IR35211 Datasheet HTML 28Page - International Rectifier IR35211 Datasheet HTML 29Page - International Rectifier IR35211 Datasheet HTML 30Page - International Rectifier IR35211 Datasheet HTML 31Page - International Rectifier IR35211 Datasheet HTML 32Page - International Rectifier IR35211 Datasheet HTML 33Page - International Rectifier IR35211 Datasheet HTML 34Page - International Rectifier IR35211 Datasheet HTML 35Page - International Rectifier IR35211 Datasheet HTML 36Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 58 page
background image
 
 
Dual Output Digital Multi-Phase Controller
IR35211
www.irf.com   |  © 2014 International Rectifier
July 24, 2014  |  V1.00
32
VID
(HEX)
VOLTAGE
(V)
VID (HEX)
VOLTAGE
(V)
VID (HEX)
VOLTAGE
(V)
VID (HEX)
VOLTAGE
(V)
VID (HEX)
VOLTAGE
(V)
DD
A9
2.18
75
1.66
41
1.14
D
0.62
DC
A8
2.17
74
1.65
40
1.13
C
0.61
DB
A7
2.16
73
1.64
3F
1.12
B
0.60
DA
A6
2.15
72
1.63
3E
1.11
A
0.59
D9
A5
2.14
71
1.62
3D
1.10
9
0.58
D8
A4
2.13
70
1.61
3C
1.09
8
0.57
D7
A3
2.12
6F
1.60
3B
1.08
7
0.56
D6
A2
2.11
6E
1.59
3A
1.07
6
0.55
D5
A1
2.10
6D
1.58
39
1.06
5
0.54
D4
A0
2.09
6C
1.57
38
1.05
4
0.53
D3
9F
2.08
6B
1.56
37
1.04
3
0.52
D2
9E
2.07
6A
1.55
36
1.03
2
0.51
D1
9D
2.06
69
1.54
35
1.02
1
0.50
D0
9C
2.05
68
1.53
34
1.01
0
0.00
CF
9B
2.04
67
1.52
33
1.00
CE
9A
2.03
66
1.51
32
0.99
CD
99
2.02
65
1.50
31
0.98
CC
98
2.01
64
1.49
30
0.97
  



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com