Electronic Components Datasheet Search
  English  ▼

X  

IR35211 Datasheet(PDF) 39 Page - International Rectifier

Part # IR35211
Description  Dual Output Digital Multi-Phase Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR35211 Datasheet(HTML) 39 Page - International Rectifier

Back Button IR35211 Datasheet HTML 35Page - International Rectifier IR35211 Datasheet HTML 36Page - International Rectifier IR35211 Datasheet HTML 37Page - International Rectifier IR35211 Datasheet HTML 38Page - International Rectifier IR35211 Datasheet HTML 39Page - International Rectifier IR35211 Datasheet HTML 40Page - International Rectifier IR35211 Datasheet HTML 41Page - International Rectifier IR35211 Datasheet HTML 42Page - International Rectifier IR35211 Datasheet HTML 43Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
 
 
Dual Output Digital Multi-Phase Controller
IR35211
www.irf.com   |  © 2014 International Rectifier
July 24, 2014  |  V1.00
39
During a load transient overshoot, the ATA can also
be programmed to turn off the low-side MOSFETS
instead of holding them on. This forces the load
current to flow through the larger forward voltage of
the FET body diode and helps to reduce the
overshoot created during a load release (Figure 34).
Figure 34: Diode Emulation during a load release
HIGH-SPEED PHASE BALANCE
The IR35211 provides phase balance during high
frequency load oscillations. The balance is provided
through phase skipping. Whenever a set error voltage
threshold, load oscillation frequency threshold, and a
pulse width delta threshold is exceeded for a
particular phase, that phase is skipped resulting in a
lowering of current in the skipped phase and a
corresponding increase in current in the other phases.
All three thresholds in Table 33 are user
programmable to provide flexibility in high-speed
phase balance for a wide variety of systems.
TABLE 33: HIGH-SPEED THRESHOLDS
Register
Function
Hspb_delta
Pulse width delta threshold. Difference between
the average of a particular phase pulse width
and the average of all other phase pulse widths.
Phase is skipped when its pulse width delta
exceeds the threshold.
Disable HSPB, 40nsec – 600nsec, 40nsec
resolution.
Hspb_hth
Error Voltage threshold.
Activates HSPB when the threshold is
exceeded.
0mV – 60mV, 4mV resolution
Hspb_fth
Load Oscillation Frequency Threshold.
Activates HSPB when the load oscillation
frequency is above threshold.
0kHz – 703.5kHz, 46.9kHz resolution.
DYNAMIC VID SLEW RATE
The IR35211 provides the VR designer with 4 slew
rates in AMD SVI2 mode up to 25mV/us (Fast rate
only) and up to 12 slew rates in Intel mode by
selecting a slew rate setting as shown in Table 34.
These slew rates can be further reduced by 10x by a
register bit setting.
TABLE 34: SLEW RATES
mV/µs
FAST rate
½ Multiplier
¼ Multiplier
10
5.0
2.50
15
7.5
3.75
20
10
5.00
25
12.5
6.25
DYNAMIC VID COMPENSATION
The IR35211 can compensate for the error produced
by the current feedback in a system with AVP (Active
Voltage Positioning) when the output voltage is
ramping to a higher voltage. MTP parameters are
provided that set an output capacitance term and an
AVP bandwidth term such that the user can model the
effects that the inrush current into the output bulk
capacitors has on the error voltage and thus the
output voltage when the voltage is ramping to a higher
voltage. Once properly modeled the output voltage will
more closely follow the DAC during a positive dynamic
VID and provide better dynamic VID alert timing
required by Intel
® and AMD® processors. Figure 35 
shows the effects that Dynamic VID Compensation
has on the output voltage and the alert timing.
Figure 35: Dynamic VID Compensation
Diode Emulation:
Disabled
Enabled
No DVID Compensation
DVID Compensation set to model 
~7500uF of output capacitance 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com