Electronic Components Datasheet Search
  English  ▼

X  

IR35211 Datasheet(PDF) 34 Page - International Rectifier

Part # IR35211
Description  Dual Output Digital Multi-Phase Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR35211 Datasheet(HTML) 34 Page - International Rectifier

Back Button IR35211 Datasheet HTML 30Page - International Rectifier IR35211 Datasheet HTML 31Page - International Rectifier IR35211 Datasheet HTML 32Page - International Rectifier IR35211 Datasheet HTML 33Page - International Rectifier IR35211 Datasheet HTML 34Page - International Rectifier IR35211 Datasheet HTML 35Page - International Rectifier IR35211 Datasheet HTML 36Page - International Rectifier IR35211 Datasheet HTML 37Page - International Rectifier IR35211 Datasheet HTML 38Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 58 page
background image
 
 
Dual Output Digital Multi-Phase Controller
IR35211
www.irf.com   |  © 2014 International Rectifier
July 24, 2014  |  V1.00
34
The PWM signals from the active phases of the
IR35211 are designed to operate with Active Tri-Level
(ATL) type, industry standard tri-state type drivers or
PowIRstage devices. ATL drivers are preferred
because they have a fast phase disable capability with
only a single control signal to the driver. The fast
disable capability of the IR ATL driver enables better
phase dropping and discontinuous mode performance
and can be used to enhance transient response when
used with the IR non-linear transient control. The user
selects tri-state type drivers with 1.8V PWM voltage
level (CHL85xx series) or 3.3V PWM level as shown
in Table 30. The logic operation for these two types of
tri-state drivers is depicted in Figure 23 and Figure 24.
The driver mode configuration is stored in the MTP.
In addition, the IR35211 provides the flexibility to
configure PWM levels to operate with external
MOSFET drivers or driver-MOSFET (PowIRstage)
devices that support +3.3V tri-state signaling. The
IR35211, when in 3.3V tri-state mode, floats the
outputs so that the voltage level is determined by an
external voltage divider which is typically inside the
driver MOSFET. Sometimes external resistors are
added to improve the speed of the PWM signal going
into tri-state.
Note that the PWM outputs are tri-stated whenever
the controller is disabled (EN = low), the shut-down
ramp has completed or before the soft-start ramp is
initiated.
TABLE 30: DRIVER LOGIC LEVEL SELECTION
Tri-level PWM Voltage
3.3V (Tri-state)
1.8V (Active Tri-Level)
Figure 23: 1.8V Active Tri-level (ATL) Logic Levels
Figure 24: 3.3V Tri-state Driver Logic Levels
OUTPUT VOLTAGE DIFFERENTIAL SENSING
The IR35211 VCPU and VRTN pins for each loop are
connected to the load sense pins of each output
voltage to provide true differential remote voltage
sensing with high common-mode rejection. Each loop
has a high bandwidth error amplifier that generates
the error voltage between this remote sense voltage
and the target voltage. The error voltage is digitized
by a fast, high-precision ADC.
As shown in Figure 25, the Vsen and Vrtn inputs have
a 2KΩ pull-up to an internal 1V rail. This causes some
current flow in the Vsen and Vrtn lines so external
impedance should be kept to a minimum to avoid
creating an offset in the sensed output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com