Electronic Components Datasheet Search
  English  ▼

X  

IR35211 Datasheet(PDF) 24 Page - International Rectifier

Part # IR35211
Description  Dual Output Digital Multi-Phase Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR35211 Datasheet(HTML) 24 Page - International Rectifier

Back Button IR35211 Datasheet HTML 20Page - International Rectifier IR35211 Datasheet HTML 21Page - International Rectifier IR35211 Datasheet HTML 22Page - International Rectifier IR35211 Datasheet HTML 23Page - International Rectifier IR35211 Datasheet HTML 24Page - International Rectifier IR35211 Datasheet HTML 25Page - International Rectifier IR35211 Datasheet HTML 26Page - International Rectifier IR35211 Datasheet HTML 27Page - International Rectifier IR35211 Datasheet HTML 28Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 58 page
background image
 
 
Dual Output Digital Multi-Phase Controller
IR35211
www.irf.com   |  © 2014 International Rectifier
July 24, 2014  |  V1.00
24
TABLE 16: AMD BOOT VOLTAGE
VID (Hex)
Voltage (V)
VID (Hex)
Voltage (V)
VID (Hex)
Voltage (V)
VID (Hex)
Voltage (V)
80
1.5500
A0
1.1500
C0
0.7500
E0
0.3500
81
1.5375
A1
1.1375
C1
0.7375
E1
0.3375
82
1.5250
A2
1.1250
C2
0.7250
E2
0.3250
83
1.5125
A3
1.1125
C3
0.7125
E3
0.3125
84
1.5000
A4
1.1000
C4
0.7000
E4
0.3000
85
1.4875
A5
1.0875
C5
0.6875
E5
0.2875
86
1.4750
A6
1.0750
C6
0.6750
E6
0.2750
87
1.4625
A7
1.0625
C7
0.6625
E7
0.2625
88
1.4500
A8
1.0500
C8
0.6500
E8
0.2500
89
1.4375
A9
1.0375
C9
0.6375
E9
0.2375
8A
1.4250
AA
1.0250
CA
0.6250
EA
0.2250
8B
1.4125
AB
1.0125
CB
0.6125
EB
0.2125
8C
1.4000
AC
1.0000
CC
0.6000
EC
0.2000
8D
1.3875
AD
0.9875
CD
0.5875
ED
0.1875
8E
1.3750
AE
0.9750
CE
0.5750
EE
0.1750
8F
1.3625
AF
0.9625
CF
0.5625
EF
0.1625
90
1.3500
B0
0.9500
D0
0.5500
F0
0.1500
91
1.3375
B1
0.9375
D1
0.5375
F1
0.1375
92
1.3250
B2
0.9250
D2
0.5250
F2
0.1250
93
1.3125
B3
0.9125
D3
0.5125
F3
0.1125
94
1.3000
B4
0.9000
D4
0.5000
F4
0.1000
95
1.2875
B5
0.8875
D5
0.4875
F5
0.0875
96
1.2750
B6
0.8750
D6
0.4750
F6
0.0750
97
1.2625
B7
0.8625
D7
0.4625
F7
0.0625
98
1.2500
B8
0.8500
D8
0.4500
F8
0.0500
99
1.2375
B9
0.8375
D9
0.4375
F9
0.0375
9A
1.2250
BA
0.8250
DA
0.4250
FA
0.0250
9B
1.2125
BB
0.8125
DB
0.4125
FB
OFF
9C
1.2000
BC
0.8000
DC
0.4000
FC
OFF
9D
1.1875
BD
0.7875
DD
0.3875
FD
OFF
9E
1.1750
BE
0.7750
DE
0.3750
FE
OFF
9F
1.1625
BF
0.7625
DF
0.3625
FF
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com