Electronic Components Datasheet Search
  English  ▼

X  

IR35211 Datasheet(PDF) 49 Page - International Rectifier

Part # IR35211
Description  Dual Output Digital Multi-Phase Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR35211 Datasheet(HTML) 49 Page - International Rectifier

Back Button IR35211 Datasheet HTML 45Page - International Rectifier IR35211 Datasheet HTML 46Page - International Rectifier IR35211 Datasheet HTML 47Page - International Rectifier IR35211 Datasheet HTML 48Page - International Rectifier IR35211 Datasheet HTML 49Page - International Rectifier IR35211 Datasheet HTML 50Page - International Rectifier IR35211 Datasheet HTML 51Page - International Rectifier IR35211 Datasheet HTML 52Page - International Rectifier IR35211 Datasheet HTML 53Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 58 page
background image
 
 
Dual Output Digital Multi-Phase Controller
IR35211
www.irf.com   |  © 2014 International Rectifier
July 24, 2014  |  V1.00
49
The designer may also configure a maximum Vout
(Table 60) to protect the VR from exceeding the
programmed voltage regardless of the commanded
VID and offset. The Gamer command may be used to
set the controller to either override or track CPU DVID
commands. In Override mode, the IR35211 sets the
output voltage defined by the Gamer VID and ignores
the VIDs from the CPU. In Track mode, the output
voltage is initially set to the Gamer VID and any
subsequent changes to the CPU VID cause the same
offset changes in the Gamer VID.
The IR35211 Gamer command also provides
overclockers the ability to minimize droop by digitally
scaling the load line to 80%, 60% or 0% (disable) of
the nominal value.
A summary of the PMBus Gamer command is shown
in Table 59.
TABLE 59: GAMER COMMAND FORMAT
Bits
Function
15-13
Reserved. Always set to “001”b
12
Gamer Mode Enable/Disable
11
VID Follow or VID Override Mode
10:9
Load line scale 100%, 80%, 60%, 0%
8:0
Gamer VID[8:0]
 
TABLE 60: OVERCLOCK VMAX
Register
Value
Vmax (AMD)
Vmax (Intel)
0
0.800
0.645
1
0.913
0.765
2
1.025
0.885
3
1.138
1.005
4
1.250
1.125
5
1.363
1.245
6
1.475
1.365
7
1.588
1.485
8
1.700
1.605
9
1.813
1.725
10
1.925
1.845
11
2.038
1.965
12
2.150
2.085
13
2.263
2.205
14
2.375
2.325
15
2.488
2.445
Overclock Mode Recovery
Raising the CPU voltage to achieve higher
performance or lowering the CPU voltage to save
power can result in a system crash. The IR35211
contains a safety mechanism whereby the Overclock
Mode is immediately disabled any time the ENABLE
pin is driven low (typically by a system restart). This
ensures that the CPU starts at the proper boot VID.
Doubler/Quad Configurations
The IR35211 supports doubler or quad configurations
by allowing the nominal pulse width to increase when
phases are operated in conjunction with a doubler or
quad driver such as the IR3598. The user only needs
to double or quadruple the switching freqency from
the normal mode switching frequency to run in doubler
or quad mode, while maintaining the calculated pulse
width register (k_vref) at the same value it would be in
normal mode. This effectively allows the nominal
pulse width to double or quadruple relative to the
switching period and produce the desired output
voltage. Proper input current reporting is maintained
by a register bit adjustment that tells the controller that
the VR is operating in normal, doubler, or quad
modes. See an IR application note on phase doubling
and quadrupling for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com