Electronic Components Datasheet Search
  English  ▼

X  

34675 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # 34675
Description  28V-Input-Voltage Single-Cell Li-Ion Battery Charger with 10mA Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34675 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button 34675 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 15Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 16Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 17Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 18Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 19Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 20Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 21Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Analog Integrated Circuit Device Data
18
Freescale Semiconductor
34675
TYPICAL APPLICATIONS
APPLICATION INFORMATION
TYPICAL APPLICATIONS
APPLICATION INFORMATION
INPUT CAPACITOR
The input capacitor is used to reduce the input voltage
transient, which may cause instability when the input voltage
is near VBAT+VOS. A 1.0μF, X5R, 16V rated ceramic
capacitor is recommended for most applications.
OUTPUT CAPACITOR
For stable operation, an X5R ceramic capacitor with a
minimum 2.2
μF nominal value is recommended at the
charger output. Depending on the load transient current, a
larger capacitance may be required.
The linear regulator is designed to be stable with a ceramic
capacitor of 0.1
μF through 1.0μF. An X5R ceramic capacitor
of 0.22
μF is recommended for the application.
CC MODE CURRENT SETTING
The CC mode current can be programmed by the external
resistor, RISET. A 1% accuracy resistor is recommended to
guarantee 6% current accuracy.
DROPOUT VOLTAGE
If the DC input voltage is too low, it may not maintain the
programmed charge current due to the voltage dropout over
the power MOSFET. The worst case of the RDS(ON) is
475m
Ω. The input voltage should be at least higher than
VBAT + ICHG x 475mΩ, to guarantee the programmed CC
mode current.
USE DET AS POWER PRESENCE INTERRUPT
Some cell phone designs require an active-high power
presence indication signal, to turn on an originally-off phone,
when an ac/dc adapter is plugged in. The DET output can be
used for such a purpose, instead of the PPR pin.
THERMAL CONSIDERATIONS
The 34675 is available in a tiny 2x3 thermally-enhanced
UDFN package. A careful thermal design must be
considered. The exposed pad needs to be well soldered to a
large copper ground plane on the component layer. If the
component layer is space limited and does not allow for a
large copper plane, the thermal pad must be connected to
other ground layers through a via array. This allows the
34675 to charge the battery with the maximum current, while
minimizing the die temperature.
TYPICAL APPLICATIONS
CHARGER IN THE HANDHELD SYSTEM
When the charger is used in handheld systems with MCU
control, the 34675 uses PPR to report the DC input status to
the MCU. After the MCU pulls the EN pin to a low logic level
to start charging, the 34675 reports the charge status through
the CHG pin to the MCU. The MCU can also monitor the
charge current by measuring the voltage at the ISET pin. The
linear regulator powers subsystems, such as a USB
transceiver, that require a voltage higher than 4.5V.
Figure 30 is the typical application circuit.
Figure 30. Li+ Battery Charger in Handheld System
VIN
GND
ISET
BAT
VIO
DET
OFF
ON
DC
Input
MCU
Li+
1.0µF
2.2µF
8.06K
100K
MC34675
100K
USB
Xcvr
0.22µF
CHG
PPR
EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com