Electronic Components Datasheet Search
  English  ▼

X  

34675 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 34675
Description  28V-Input-Voltage Single-Cell Li-Ion Battery Charger with 10mA Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34675 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 34675 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
34675
ELECTRICAL CHARACTERISTICS
ELECTRICAL PERFORMANCE CURVES
ELECTRICAL PERFORMANCE CURVES
Figure 4. Complete Charge Cycle
VIN = 5.0V, ICHG=400mA, 740mAh Li-Ion Battery, TA=25°C
Figure 5. Charger Output Voltage vs VIN
IBAT = 0mA, TA = 25°C
Figure 6. VIN Pin Supply Current vs VIN
IBAT = 0mA, TA = 25°C
Figure 7. BAT Pin Current vs Battery Voltage in OVP
VIN = 7.0V, TA = 25°C
Figure 8. Constant Charge Current vs VIN
VBAT = 3.7V, TA = 25°C
Figure 9. Trickle Charge Current vs VIN
VBAT = 2.0V, TA = 25°C
0
30
60
90 120 150 180 210 240
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
50
100
150
200
250
300
350
400
450
Charge Current
Battery Voltage
Time (min)
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
3.6
3.7
3.8
3.9
4.0
4.1
4.2
4.3
Input Voltage (V)
3
4
567
0
300
600
900
1200
1500
1800
2100
Charger Disabled
Charger Enabled
Input Voltage (V)
01
23
45
-4
0
4
8
12
16
V
BAT
(V)
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
0
200
400
600
800
1000
1200
R
ISET
=3.95 kΩ
R
ISET
=15.8 kΩ
R
ISET
=7.9 kΩ
Input Voltage (V)
3456
7
0
50
100
150
200
250
R
ISET
=15.8 kΩ
R
ISET
=7.9 kΩ
R
ISET
=3.95 kΩ
Input Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com