Electronic Components Datasheet Search
  English  ▼

X  

34675 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # 34675
Description  28V-Input-Voltage Single-Cell Li-Ion Battery Charger with 10mA Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34675 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button 34675 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 15Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 16Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 17Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 18Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 19Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Analog Integrated Circuit Device Data
16
Freescale Semiconductor
34675
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
CHARGE CURRENT LIMITATION
The charge current is limited by multiple factors.
When the voltage difference between the input and the
battery (VIN-VBAT) is low, (VIN - VBAT) / RDS(ON), where
RDS(ON) is the on resistance of the power MOSFET, may be
less than the programmed CC mode current ICHG. In this
case, the charge current is limited by (VIN - VBAT) / RDS(ON).
When the voltage difference between the input and the
battery is too high, the large power dissipation may lead to
the charge current thermal foldback operation, due to the die
temperature regulation. The charge current is reduced to
prevent further temperature rise (See Charge Current
Thermal Foldback section for more information).
DC INPUT VOLTAGE
The 34675 accepts up to a 28V DC input. When all of the
following conditions are satisfied, the input is in a power-good
range for the charger to start charging. The conditions
include:
1. VIN > VPOR
2. VIN -VBAT > VOS
3. VIN < VOVP
where VOS is the offset voltage for the comparator that
monitors the input and the battery voltages. The VOS is for
preventing the reverse leakage current from the battery when
the external power supply is off. VOVP is the over-voltage
protection threshold. When the DC input voltage is above the
over-voltage protection threshold, the charger is disabled
internally. The 28V input voltage rating eliminates the need of
any additional input over-voltage protection circuitry.
CHARGE-ENABLE INPUT
The charge-enable input, EN, has a weak internal pull-
down current. Driving it to a low voltage, leaving it float, or
shorting it to ground, will enable the charger if the input
voltage is in the power-good range. Whenever the EN pin is
driven to a high voltage, the charger is disabled. When the
charger is disabled, the BAT pin does not output voltage and
current, the leakage current into the BAT pin is less than
1.0
μA, the output of the CHG pin is high, and the voltage at
the ISET pin is zero. If the input voltage is in the power-good
range when the charger is disabled, the output of the PPR is
still low to indicate the input voltage status and the DET pin
outputs voltage as well.
INPUT POWER PRESENCE INDICATOR
When VIN is applied and the voltage is above the power-
on-reset voltage threshold (VPOR), the PPR pin outputs a low
voltage to indicate the input-power presence. The PPR
output is only controlled by the input voltage. All other
functions, such as the EN pin, the over-voltage protection,
and the VIN-BAT comparator, do not affect the PPR output.
The PPR pin is capable of sinking at least 9.0mA of current
when outputting a low voltage to drive an external LED.
CHARGE STATUS INDICATORS
The 34675 has one charge-status indicator, CHG. CHG
outputs a low voltage when the charger is enabled and the
charging is in progress. When the charge cycle completes,
CHG outputs high-impedance. If the charger is disabled or
the input voltage is out of the power-good range, the CHG pin
outputs a high-impedance as well. The CHG pin has at least
9.0mA current-sinking capability to drive an external LED, the
same as the PPR pin.
CHARGE CURRENT THERMAL FOLDBACK
An internal thermal feedback loop begins to reduce the
charge current, when the die temperature reaches 120°C, to
prevent further temperature rise. This feature protects the
34675 from over-temperature failure, and allows the user to
push the limits of the power-handling capability of a given
circuit board, without the risk of damaging the 34675. The
charge current can be programmed according to the typical
(not the worst case) ambient temperature, with the assurance
that the charger will automatically reduce the current in worst
case conditions.
LINEAR REGULATOR
The linear regulator provides a 4.85V output with 10mA
current capability. The output is turned on when the input
voltage is above the POR threshold but lower than the OVP
threshold. The output is independent of any other signals in
the charger, such as the enable (EN) input.
When the input reaches the rising POR threshold, the DET
output starts to output a voltage, but is in the dropout mode.
The output voltage is determined by the dropout voltage. As
the input voltage rises above the regulation voltage, the
output is regulated at 4.85V. When the input voltage further
rises above the OVP rising threshold, the linear regulator is
turned off, and the output voltage drops to zero with an
internal 200k
Ω pull-down resistor. The output voltage
resumes to 4.85V when the input voltage falls below the OVP
falling threshold. The output voltage versus the input voltage
is shown in Figure 28, where the VPORR and VPORF are the
POR rising and falling threshold. The VOVPR and VOVPF are
the OVP rising and falling threshold. An output decoupling
capacitor of 0.1
μF to 1.0μF is required between the DET pin
and ground for the stability of the linear regulator.
I
BAT
V
ISET
1.0V
-------------- I
CHG
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com