Electronic Components Datasheet Search
  English  ▼

X  

34675 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 34675
Description  28V-Input-Voltage Single-Cell Li-Ion Battery Charger with 10mA Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34675 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  34675 Datasheet HTML 1Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 2Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
34675
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. 34675 Pin Connections
Table 1. 34675 Pin Definitions
A functional description of each pin can be found in the Functional Pin Description section beginning on page 12.
Pin Number
Pin Name
Pin Function
Formal Name
Definition
1
VIN
Input
Input supply
The power supply input.
2
PPR
Output
Power present
indicator
Indication of the input power status. Open drain output.
3
CHG
Output
Charge indicator
Indication of the charge status. Open drain output.
4
EN
Input
Enable
Enable logic input.
5
GND
Ground
Ground
Ground.
6
DET
Output
Regulator output
The 4.85V/10mA linear regulator output.
7
ISET
Output
CC mode current
setting and charge
current monitor
CC mode current setting and charge current monitoring pin.
8
BAT
Output
Charger output
The charger output pin. Connect this pin to the Li-Ion battery.
EPAD
EPAD
N/A
Exposed pad
The exposed pad for thermal dissipation enhancement. It must be
soldered on the large ground plane on the PCB to increase the thermal
dissipation. The pad must be connected to GND electrically
BAT
ISET
DET
GND
VIN
PPR
CHG
EN
EPAD
1
2
3
4
8
7
6
5
Transparent
Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com