Electronic Components Datasheet Search
  English  ▼

X  

34675 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # 34675
Description  28V-Input-Voltage Single-Cell Li-Ion Battery Charger with 10mA Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34675 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  34675 Datasheet HTML 1Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 2Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
34675
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 2. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Ratings
Symbol
Value
Unit
ELECTRICAL RATINGS
Input Voltage Range
VIN Pin
PPR and CHG Pins
EN, BAT, ISET and DET Pins
VIN
VPPR, VCHG
VEN, VBAT,
VISET, VDET
-0.3 to 28
-0.3 to 12
-0.3 to 5.5
V
ESD Voltage(1)
Human Body Model (HBM)
Machine Model (MM)
VESD
±2000
±200
V
THERMAL RATINGS
Operating Temperature
Ambient
Junction
TA
TJ
-40 to +85
-40 to 150
°C
Storage Temperature
TSTG
-65 to +150
°C
Thermal Resistance(2)
Junction-to-Case
Junction-to-Ambient
RθJC
RθJA
10
70
°C/W
Peak Package Reflow Temperature During Reflow(3),(4)
TPPRT
Note 4
°C
Notes
1.
ESD testing is performed in accordance with the Human Body Model (HBM) (CZAP = 100pF, RZAP = 1500Ω), and the Machine Model
(MM) (CZAP = 200pF, RZAP = 0Ω).
2.
Device mounted on the Freescale EVB test board per JEDEC DESD51-2.
3.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
4.
Freescale’s Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020C. For Peak Package Reflow
Temperature and Moisture Sensitivity Levels (MSL), Go to www.freescale.com, search by part number [e.g. remove prefixes/suffixes
and enter the core ID to view all orderable parts. (i.e. MC33xxxD enter 33xxx), and review parametrics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com