Electronic Components Datasheet Search
  English  ▼

X  

34675 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 34675
Description  28V-Input-Voltage Single-Cell Li-Ion Battery Charger with 10mA Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34675 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 34675 Datasheet HTML 2Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
34675
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
CHARGE THRESHOLDS
Trickle Mode Rising Threshold Voltage
VTRKL
2.6
2.7
2.8
V
Trickle Mode Threshold Voltage Hysteresis
VTRKLHYS
40
100
150
mV
Recharge Threshold Voltage
VRECH
4.075
4.100
4.125
V
Recharge Falling Threshold Voltage Hysteresis
VRECHHYS
-
25
50
mV
LINEAR REGULATOR
Output Voltage
VIN = 5.2V, Output Current < 10mA, IBAT = 0mA
VLR
4.6
4.85
5.0
V
Dropout Voltage
VIN = 4.7V, Output Current = 10mA, IBAT = 0mA
VDO
-
90
150
mV
Output Current Limit
IREGLMT
10
13
16
mA
Output Pull-down Resistance
2.0V < VIN < VPOR or VIN > VOVP
RREGPD
-
200
-
k
Ω
LOGIC INPUT AND OUTPUT
EN Input High Threshold Voltage
VIH
1.5
-
-
V
EN Input Low Threshold Voltage
VIL
-
-
0.5
V
EN Input Pull-down Current
VEN = 3V
IEN
-
2.0
7.5
μA
PPR and CHG Sink Current when the Output is Low
VCHG = VPPR = 0.6V
IPCSINKL
9.0
15
-
mA
PPR and CHG Leakage Current When the Output is High-impedance
VCHG = VPPR = 5.0V
IPCLEAKH
-
-
1.0
μA
CHARGE CURRENT THERMAL FOLDBACK
Current Foldback Die Temperature Limit
TLIMIT
100
120
140
°C
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions VIN = 5V, -40°C ≤ TA ≤ 85°C, CIN = 1.0μF, COUT = 2.2μF, CDET = 0.22μF (see Figure 1),
unless otherwise noted. Typical values noted reflect the approximate parameter means at VIN = 5V and TA = 25°C under nominal
conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com