Electronic Components Datasheet Search
  English  ▼

X  

34675 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # 34675
Description  28V-Input-Voltage Single-Cell Li-Ion Battery Charger with 10mA Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34675 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button 34675 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 15Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 16Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 17Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Analog Integrated Circuit Device Data
14
Freescale Semiconductor
34675
FUNCTIONAL DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
Die-Temperature feedback
The die temperature feedback block monitors the die
temperature. Once the die temperature reaches the
threshold temperature, this charge control block can reduce
the charge current to prevent further die temperature rise.
LOGIC
Logic Control and Status Indication
The logic control block determines the on and off of the
charger and indicates the charger status. It takes the signals
from the input voltage monitor, VIN-BAT comparator, EOC,
and the external enable signal, and determines the on and off
states as well as the charge status indication outputs of the
charger (CHG and PPR).
OUTPUTS
Power MOSFET
The power MOSFET passes the charging current from the
input to the output.
Linear Regulator
The linear regulator outputs a regulated 4.85V from the
input voltage with 10mA current capability. If the Input
Voltage Monitor detects that the input voltage is lower than
the POR or higher than the OVP threshold, the linear
regulator is disabled. No other signal can control the linear
regulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com