Electronic Components Datasheet Search
  English  ▼

X  

34675 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # 34675
Description  28V-Input-Voltage Single-Cell Li-Ion Battery Charger with 10mA Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34675 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button 34675 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 15Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Analog Integrated Circuit Device Data
12
Freescale Semiconductor
34675
FUNCTIONAL DESCRIPTION
INTRODUCTION
FUNCTIONAL DESCRIPTION
INTRODUCTION
The 34675 is a fully-integrated Li-Ion and Li-Polymer
battery charger, with a 4.85V/10mA linear regulator in a tiny
package. It uses current, voltage, and temperature control
loops to regulate the charge current. It has up to a 28V input
voltage rating, which makes the handheld device safe even
when connected to a wrong AC adapter. In addition, it
provides a 4.85V/10mA linear regulator.
The 34675 requires only two external capacitors and one
resistor to build a fully functional charger for space-limited
applications such as cell phones, Bluetooth accessories and
MP3 players. Its ultra high accuracy voltage (
±0.7%) and
temperature limited charging current, offer additional battery
safety during charging.
The CC current can be programmed with an external
resistor (RISET). The voltage across this resistor is
proportional to the charge current, so the system can monitor
the charge current during the whole charge cycle. The EOC
threshold is preset to 10% of the CC mode current. For a
deeply discharged battery with a voltage lower than 2.7V, the
34675 charges the battery with a trickle-mode current, which
is 20% of the CC mode current.
The linear regulator provides 4.85V with 10mA capability.
The output is turned on when the input voltage is above the
POR threshold, but lower than the OVP threshold. The Linear
regulator is independent. It is not related to any signals of the
charger, including the enable input pin.
Two indication outputs make it easy to report the input
power status and the charge status to MCUs, or users via
LEDs.
FUNCTIONAL PIN DESCRIPTION
INPUT SUPPLY (VIN)
The supply input. This pin should be bypassed to ground
with a 1.0
μF capacitor.
POWER PRESENT INDICATOR (PPR)
Open-drain logic output to indicate the status of the
supply input voltage. The PPR pin output is singularly
determined by the input voltage.The output is pulled
low if VIN is higher than VPOR. This pin is capable of
sinking at least 9.0mA of current to drive an LED
indicator.
CHARGE INDICATOR (CHG)
Open-drain logic output to indicate the charge status. The
output is low when the 34675 is charging, until the EOC
conditions are reached. This pin is capable of sinking at least
9.0mA of current to drive a LED indicator.
ENABLE (EN)
Active low enable logic Input. This pin is internally pulled to
ground by a weak current source. When left floating, the
charger is enabled. Pulling this pin to a high voltage
externally disables the charger.
GROUND (GND)
Ground.
LINEAR REGULATOR OUTPUT (DET)
The linear regulator output. The output voltage is typically
4.85V. The output current capability is 10mA. Bypass this pin
to ground with a ceramic capacitor between 0.1
μF and 1.0μF.
CC MODE CURRENT SETTING AND CHARGE
CURRENT MONITOR (ISET)
The CC mode current, ICHG, is programmed by connecting
a resistor, RISET, between this pin and ground. When
charging in the CC mode, the voltage at this pin is 1.0V. The
voltage reduces proportionally as the charge current reduces
in the CV mode. During the whole charge cycle, the voltage
at this pin can be used to monitor the charge current, using
the following equation:
where IBAT is the actual charge current, ICHG is the
programmed CC mode current, and VISET is the voltage of the
ISET pin during the whole charge cycle.
CHARGER OUTPUT (BAT)
Charger output pin. Connect this pin to the battery being
charged. Bypass to ground with a 2.2
μF or higher capacitor.
EXPOSED PAD (EPAD)
Exposed pad. This must be soldered to the large ground
plane on the PCB to enhance the thermal conductivity. The
pad must be connected to GND electrically.
I
BAT
V
ISET
1.0V
-------------- I
CHG
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com