Electronic Components Datasheet Search
  English  ▼

X  

34675 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 34675
Description  28V-Input-Voltage Single-Cell Li-Ion Battery Charger with 10mA Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34675 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 34675 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 15Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 16Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
13
34675
FUNCTIONAL DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
Figure 26. 34675 Functional Internal Block Diagram
INTEGRATED SUPPLY
Internal Supply and Reference
This block steps down the high input voltage to a lower
voltage which powers all the internal blocks. In addition, this
block generates the reference voltage for the charge-control
block.
SENSING & CONTROL
VIN (Input Voltage) Monitor
The input voltage monitor block monitors the input voltage
for two thresholds, power-on-reset (POR) and over-voltage
protection (OVP). If the input is lower than the POR or higher
than the OVP threshold, this block outputs a logic signal to
disable the charger and the linear regulator.
Current Setting & Monitor
This block sets the charge current in the constant-current
mode, and monitors the actual charge current during the
whole charge cycle.
Charge Control
The charge control block controls the gate voltage of the
power MOSFET to regulate the charge current, the battery
voltage, or the die temperature. It can also completely turn off
the power MOSFET, to stop the current flow between the
input and the battery. Additionally, monitoring of the charge
current and the charger output voltage determines the trickle-
charge mode and the recharge cycle.
EOC (End of Charge)
The EOC block monitors the charge current and the
battery voltage for the EOC conditions. Once the EOC
conditions are reached, this block outputs a logic signal to
indicate the end of the charge.
VIN-BAT Comparator
The VIN-BAT comparator monitors the voltage difference
between the input voltage and the battery voltage. The input
voltage has to be higher than the battery voltage for the
charger to be enabled. If the input voltage falls below the
battery voltage, this block outputs a signal to disable the
charger to prevent the leakage current from the battery to the
input.
MC34675 - Functional Block Diagram
Integrated Supply
Sensing & Control
Outputs
Logic
Integrated Supply
Internal Supply & Reference
Sensing & Control
Logic
Die Temperature Feedback
Current Setting
Current Monitor
Status Indication
VIN - BAT Comparator
VIN Monitor
Charge Control
Logic Control
End of Charge
Outputs
Power MOSFET
Linear Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com