Electronic Components Datasheet Search
  English  ▼

X  

34675 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 34675
Description  28V-Input-Voltage Single-Cell Li-Ion Battery Charger with 10mA Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34675 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  34675 Datasheet HTML 1Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 2Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Document Number: MC34675
Rev. 3.0, 4/2008
Freescale Semiconductor
Advance Information
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2008. All rights reserved.
28V-Input-Voltage Single-Cell
Li-Ion Battery Charger with
10mA Regulator
The 34675 is a high-input-voltage Li-Ion battery charger with a
4.85V/10mA linear regulator. The high input voltage, up to 28V,
eliminates the input over-voltage protection circuit required in handheld
devices such as cell phones, Bluetooth accessories, and portable
media players. The 4.85V linear regulator is capable of 10mA output
current and can be used to directly power a sub-system such as a USB
transceiver.
The charge cycle of the 34675 includes trickle, constant-current
(CC) and constant-voltage (CV) charge modes. The CC mode current
is programmable up to 1A, with an external resistor. The voltage across
the external resistor is also used to monitor the actual charge current.
The constant voltage is fixed at 4.2V with 0.7% accuracy over the
-40°C to 85°C temperature range. The trickle-mode current is pre-set
to 20% of the CC mode current when the battery voltage is lower than
the trickle-mode threshold. The end-of-charge (EOC) current threshold
is pre-set to 10% of the CC mode current, to save board space and
cost. A charge current thermal foldback feature limits the charge
current when the IC internal temperature rises to the preset threshold
of 120°C. The 34675 also protects the system with its input over-
voltage protection (OVP) feature. Two indication pins (PPR and CHG)
can be simply interfaced to a microprocessor or LEDs. When no power
supply is connected, or when disabled, the charger draws less than
1.0
μA leakage current from the battery.
Features
• No external MOSFET, reverse-blocking diode, or current-sense resistor is required
• Guaranteed maximum 1A programmable CC mode current
•
±0.7% voltage accuracy over -40°C to 85°C
•
±6% current accuracy over -40°C to 85°C
• 4.85V/10mA linear regulator with a 6.8V input over-voltage protection threshold
• 28V maximum voltage for the power input with a 6.8V over-voltage protection threshold
• Trickle charge for fully discharged batteries
• Charge current monitor
• Charge current thermal foldback
• Pb-free packaging designated by suffix code EP
Figure 1. 34675 Simplified Application Diagram
POWER MANAGEMENT IC
EP SUFFIX (PB-FREE)
98ASA10774D
8-PIN UDFN
34675
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC34675AEP/R2
-40°C to 85°C
8-UDFN
VIN
ON
OFF
VIN
GND
CHG
PPR
EN
BAT
ISET
DET
TO BATTERY
TO SYSTEM
34675
CIN
COUT
RISET
CDET


Similar Part No. - 34675

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
34675-0001 MOLEX4-34675-0001 Datasheet
215Kb / 2P
5.00mm (.197") Pitch MX150?
34675-0001 MOLEX11-34675-0001 Datasheet
42Kb / 1P
MX150 2 Way Inline Male Assembly with TPA
34675-0002 MOLEX-34675-0002 Datasheet
1,012Kb / 2P
MX150TM Cable-Sealed 1-by-2 Connection System
34675-0002 MOLEX4-34675-0002 Datasheet
215Kb / 2P
5.00mm (.197") Pitch MX150??2 Way Inline Male Assembly with TPA, Single Row, 2Circuits, Keying Option B, without Clip Slot, Gray
34675-0002 MOLEX11-34675-0002 Datasheet
42Kb / 1P
MX150 2 Way Inline Male Assembly with TPA
More results

Similar Description - 34675

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
Single cell Li-ion battery charger
2003 Oct 15
logo
Freescale Semiconductor...
MC34675 FREESCALE-MC34675 Datasheet
367Kb / 24P
28V-Input-Voltage Single-Cell Li-Ion Battery Charger with 10mA Regulator
logo
Texas Instruments
BQ24090 TI-BQ24090 Datasheet
1Mb / 31P
1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_1 Datasheet
1Mb / 32P
1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_2 Datasheet
1Mb / 32P
1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_3 Datasheet
1Mb / 34P
1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24210 TI1-BQ24210 Datasheet
679Kb / 26P
800mA, Single-Input, Single Cell Li-Ion Battery Solar Charger
logo
Richtek Technology Corp...
RT9526 RICHTEK-RT9526 Datasheet
257Kb / 14P
Linear Single Cell Li-Ion Battery Charger with Input Over Voltage Protection
RT9526A RICHTEK-RT9526A Datasheet
148Kb / 10P
Linear Single Cell Li-Ion Battery Charger with Input Over Voltage Protection
logo
Monolithic Power System...
MP26056 MPS-MP26056 Datasheet
396Kb / 11P
28V, Li Single-Cell Battery Charger with USB/AC-Adapter Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com