Electronic Components Datasheet Search
  English  ▼

X  

34675 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 34675
Description  28V-Input-Voltage Single-Cell Li-Ion Battery Charger with 10mA Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34675 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  34675 Datasheet HTML 1Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 2Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34675 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
34675
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
Characteristics noted under conditions VIN = 5V, -40°C ≤ TA ≤ 85°C, CIN = 1.0μF, COUT = 2.2μF, CDET = 0.22μF (see Figure 1),
unless otherwise noted. Typical values noted reflect the approximate parameter means at VIN = 5V and TA = 25°C under nominal
conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER INPUT
VIN Pin Normal Operation Input Voltage Range(5)
VIN
2.6
-
6.6
V
VIN Pin Supply Current
Charger enabled(6)
Charger disabled
IIN
-
-
1400
360
2000
450
μA
Regulated Output Voltage
VIN = 5.0V; IBAT = 10mA; TA = 25°C
VIN = 5.0V; IBAT = 10mA; TA = -40 to 85°C
VBAT
4.185
4.170
4.20
4.20
4.215
4.230
V
Power MOSFET On Resistance
VBAT = 4.0V; IBAT = 400mA; ICHG = 500mA
RDS(ON)
-
330
475
m
Ω
BAT Pin Standby Current
VIN not powered or charger disabled
ISTDBY
-
-
1.0
μA
Power On Reset
Rising VIN threshold
Falling VIN threshold
VPOR
3.5
2.4
3.6
2.5
3.7
2.6
V
VIN-BAT Offset Voltage
Rising threshold
Falling threshold
VOS
-
1.0
-
-
60
22
mV
Over-voltage Protection Rising Threshold
VOVP
6.6
6.8
7.0
V
Over-voltage Protection Threshold Hysteresis
VOVPHYS
-
200
-
mV
CHARGE CURRENT
Constant Current Mode Charge Current Range(7)
ICHG
0.05
-
1.0
A
ICHG Accuracy
For ICHG between 300mA to 1000mA (tested at 450mA)
For ICHG between 50mA to 300mA
(7)
ICHG
94%
90%
100%
100%
106%
110%
ICHG
Trickle-Mode Charge Current
ITRKL
18%
20%
22%
ICHG
End-of-Charge (EOC) Threshold
When ICHG >300mA (tested at ICHG=450mA)
When ICHG <300mA
(7)
IEOC
8.5%
8.0%
10%
10%
11.5%
12%
ICHG
ISET-Pin Voltage for ICHG Reference
VISET
-
1.0
-
V
Notes
5.
Refer to the Power-on-Reset parameter for VIN turn on and turn off values.
6.
Supply current does not include the current delivered to the battery through the BAT pin.
7.
Not tested. The accuracy is guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com