Electronic Components Datasheet Search
  English  ▼

X  

BME280 Datasheet(PDF) 16 Page - Bosch Sensortec GmbH

Part # BME280
Description  Combined humidity and pressure sensor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BME280 Datasheet(HTML) 16 Page - Bosch Sensortec GmbH

Back Button BME280 Datasheet HTML 12Page - Bosch Sensortec GmbH BME280 Datasheet HTML 13Page - Bosch Sensortec GmbH BME280 Datasheet HTML 14Page - Bosch Sensortec GmbH BME280 Datasheet HTML 15Page - Bosch Sensortec GmbH BME280 Datasheet HTML 16Page - Bosch Sensortec GmbH BME280 Datasheet HTML 17Page - Bosch Sensortec GmbH BME280 Datasheet HTML 18Page - Bosch Sensortec GmbH BME280 Datasheet HTML 19Page - Bosch Sensortec GmbH BME280 Datasheet HTML 20Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 60 page
background image
Bosch Sensortec | BME280 Data sheet
16 | 60
Modifications reserved | Data subject to change without notice
Document number: BST-BME280-DS001-23 Revision_1.23_012022
time
POR
Data readout
Write
settings
Mode[1:0] = 01
time
IDDSL
IDDSB
IDDP
IDDH
POR Write
settings
IDDT
tmeasure
Mode[1:0] = 01
cycle time = rate of force mode
Figure 4: Forced mode timing diagram
3.3.4
Normal mode
Normal mode comprises an automated perpetual cycling between an (active) measurement period
and an (inactive) standby period.
The measurements are performed in accordance to the selected measurement and filter options. The
standby time is determined by the setting t_sb[2:0] and can be set to between 0.5 and 1000 ms
according to Table 27.
The total cycle time depends on the sum of the active time (see chapter 9) and standby time tstandby.
The current in the standby period (IDDSB) is slightly higher than in sleep mode. After setting the
measurement and filter options and enabling normal mode, the last measurement results can always
be obtained at the data registers without the need of further write accesses.
Using normal mode is recommended when using the IIR filter. This is useful for applications in which
short-term disturbances (e.g. blowing into the sensor) should be filtered. The timing diagram is shown
below:
time
IDDSL
IDDSB
IDDP
IDDH
POR
Mode[1:0] = 11
Data readout
when needed
Write
settings
tstandby
IDDT
tmeasure
cycle time = tmeasure + tstandby
Figure 5: Normal mode timing diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com