Electronic Components Datasheet Search
  English  ▼

X  

BME280 Datasheet(PDF) 35 Page - Bosch Sensortec GmbH

Part # BME280
Description  Combined humidity and pressure sensor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BME280 Datasheet(HTML) 35 Page - Bosch Sensortec GmbH

Back Button BME280 Datasheet HTML 31Page - Bosch Sensortec GmbH BME280 Datasheet HTML 32Page - Bosch Sensortec GmbH BME280 Datasheet HTML 33Page - Bosch Sensortec GmbH BME280 Datasheet HTML 34Page - Bosch Sensortec GmbH BME280 Datasheet HTML 35Page - Bosch Sensortec GmbH BME280 Datasheet HTML 36Page - Bosch Sensortec GmbH BME280 Datasheet HTML 37Page - Bosch Sensortec GmbH BME280 Datasheet HTML 38Page - Bosch Sensortec GmbH BME280 Datasheet HTML 39Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
Bosch Sensortec | BME280 Data sheet
35 | 60
Modifications reserved | Data subject to change without notice
Document number: BST-BME280-DS001-23 Revision_1.23_012022
6.3.2
SPI read
Reading is done by lowering CSB and first sending one control byte. The control bytes consist of the
SPI register address (= full register address without bit 7) and the read command (bit 7 = RW = ‘1’).
After writing the control byte, data is sent out of the SDO pin (SDI in 3-wire mode); the register address
is automatically incremented. The SPI read protocol is depicted in Figure 13.
Start RW
Stop
1
1
1
1
0
1
1
0 bit15 bit14 bit13 bit12 bit11 bit10 bit9 bit8 bit7 bit6 bit5 bit4 bit3 bit2 bit1 bit0
CSB
=
1
Data byte
Data register - address F7h
Register address (F6h)
CSB
=
0
Control byte
Data byte
Data register - address F6h
Figure 13: SPI multiple byte read
6.4 Interface parameter specification
6.4.1
General interface parameters
The general interface parameters are given in Table 32 below.
Table 32: interface parameters
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Input low level
Vil_si
VDDIO=1.2 V to 3. 6V
20
%VDDI
O
Input high level
Vih_si
VDDIO=1.2 V to 3.6 V
80
%VDDI
O
Output low level I2C
Vol_SDI
VDDIO=1.62 V, Iol=3 mA
20
%VDDI
O
Output low level I2C
Vol_SDI_1.2
VDDIO=1.20 V, Iol=3 mA
23
%VDDI
O
Output low level SPI
Vol_SDO
VDDIO=1.62 V, Iol=1 mA
20
%VDDI
O
Output low level SPI
Vol_SDO_1.2
VDDIO=1.20 V, Iol=1 mA
23
%VDDI
O
Output high level
Voh
VDDIO=1.62 V, Ioh=1 mA
(SDO, SDI)
80
%VDDI
O
Output high level
Voh_1.2
VDDIO=1.20 V, Ioh=1 mA
(SDO, SDI)
60
%VDDI
O
Pull-up resistor
Rpull
Internal CSB pull-up
resistance to VDDIO
70
120
190
kΩ
I2C bus load capacitor
Cb
On SDI and SCK
400
pF
6.4.2
I²C timings
For I²C timings, the following abbreviations are used:
•
“S&F mode” = standard and fast mode
•
“HS mode” = high speed mode
•
Cb = bus capacitance on SDA line
All other naming refers to I²C specification 2.1 (January 2000).
The I²C timing diagram is in Figure 14. The corresponding values are given in Table 33.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com