Electronic Components Datasheet Search
  English  ▼

X  

BME280 Datasheet(PDF) 2 Page - Bosch Sensortec GmbH

Part # BME280
Description  Combined humidity and pressure sensor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BME280 Datasheet(HTML) 2 Page - Bosch Sensortec GmbH

  BME280 Datasheet HTML 1Page - Bosch Sensortec GmbH BME280 Datasheet HTML 2Page - Bosch Sensortec GmbH BME280 Datasheet HTML 3Page - Bosch Sensortec GmbH BME280 Datasheet HTML 4Page - Bosch Sensortec GmbH BME280 Datasheet HTML 5Page - Bosch Sensortec GmbH BME280 Datasheet HTML 6Page - Bosch Sensortec GmbH BME280 Datasheet HTML 7Page - Bosch Sensortec GmbH BME280 Datasheet HTML 8Page - Bosch Sensortec GmbH BME280 Datasheet HTML 9Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 60 page
background image
Bosch Sensortec | BME280 Data sheet
2 | 60
Modifications reserved | Data subject to change without notice
Document number: BST-BME280-DS001-23 Revision_1.23_012022
BME280
Digital humidity, pressure and temperature sensor
Key features
•
Package
2.5 mm x 2.5 mm x 0.93 mm metal lid LGA
•
Digital interface
I²C (up to 3.4 MHz) and SPI (3 and 4 wire, up to 10 MHz)
•
Supply voltage
VDD main supply voltage range: 1.71 V to 3.6 V
VDDIO interface voltage range: 1.2 V to 3.6 V
•
Current consumption
1.8 µA @ 1 Hz humidity and temperature
2.8 µA @ 1 Hz pressure and temperature
3.6 µA @ 1 Hz humidity, pressure and temperature
0.1 µA in sleep mode
•
Operating range
-40…+85 °C, 0…100 % rel. humidity, 300…1100 hPa
•
Humidity sensor and pressure sensor can be independently enabled / disabled
•
Register and performance compatible to Bosch Sensortec BMP280 digital pressure sensor
•
RoHS compliant, halogen-free, MSL1
Key parameters for humidity sensor
•
Response time
(������������63%)
1 s
•
Accuracy tolerance
±3 % relative humidity
•
Hysteresis
±1% relative humidity
Key parameters for pressure sensor
•
RMS Noise
0.2 Pa, equiv. to 1.7 cm
•
Offset temperature coefficient
±1.5 Pa/K, equiv. to ±12.6 cm at 1 °C temperature change
Typical application
•
Context awareness, e.g. skin detection, room change detection
•
Fitness monitoring / well-being
•
Warning regarding dryness or high temperatures
•
Measurement of volume and air flow
•
Home automation control
•
control heating, venting, air conditioning (HVAC)
•
Internet of things
•
GPS enhancement (e.g. time-to-first-fix improvement, dead reckoning, slope detection)
•
Indoor navigation (change of floor detection, elevator detection)
•
Outdoor navigation, leisure and sports applications
•
Weather forecast
•
Vertical velocity indication (rise/sink speed)
Target devices
•
Handsets such as mobile phones, tablet PCs, GPS devices
•
Navigation systems
•
Gaming, e.g flying toys
•
Camera (DSC, video)
•
Home weather stations
•
Flying toys
•
Watches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com