Electronic Components Datasheet Search
  English  ▼

X  

BME280 Datasheet(PDF) 48 Page - Bosch Sensortec GmbH

Part # BME280
Description  Combined humidity and pressure sensor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BME280 Datasheet(HTML) 48 Page - Bosch Sensortec GmbH

Back Button BME280 Datasheet HTML 44Page - Bosch Sensortec GmbH BME280 Datasheet HTML 45Page - Bosch Sensortec GmbH BME280 Datasheet HTML 46Page - Bosch Sensortec GmbH BME280 Datasheet HTML 47Page - Bosch Sensortec GmbH BME280 Datasheet HTML 48Page - Bosch Sensortec GmbH BME280 Datasheet HTML 49Page - Bosch Sensortec GmbH BME280 Datasheet HTML 50Page - Bosch Sensortec GmbH BME280 Datasheet HTML 51Page - Bosch Sensortec GmbH BME280 Datasheet HTML 52Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 60 page
background image
Bosch Sensortec | BME280 Data sheet
48 | 60
Modifications reserved | Data subject to change without notice
Document number: BST-BME280-DS001-23 Revision_1.23_012022
7.11 Mounting and assembly recommendations
In order to achieve the specified performance for you design, the following recommendations and the
“Handling, soldering & mounting instructions BME280” should be taken into consideration when
mounting a pressure sensor on a printed-circuit board (PCB):
•
The clearance above the metal lid shall be 0.1mm at minimum.
•
For the device housing appropriate venting needs to be provided in case the ambient pressure
shall be measured.
•
Liquids shall not come into direct contact with the device.
•
During operation the sensor chip is sensitive to light, which can influence the accuracy of the
measurement (photo-current of silicon). The position of the vent hole minimizes the light
exposure of the sensor chip. Nevertheless, Bosch Sensortec recommends avoiding the
exposure of BME280 to strong light sources.
•
Soldering may not be done using vapor phase processes since the sensor will be damaged by
the liquids used in these processes.
7.12 Environmental safety
7.12.1
RoHS
The BME280 sensor meets the requirements of the EC restriction of hazardous substances (RoHS)
directive, see also:
RoHS–Directive 2011/65/EU and its amendments, including the amendment 2015/863/EU on
the restriction of the use of certain hazardous substances in electrical and electronic
equipment.
7.12.2
Halogen content
The BME280 is halogen-free. For more details on the analysis results please contact your Bosch
Sensortec representative.
7.12.3
Internal package structure
Within the scope of Bosch Sensortec’s ambition to improve its products and secure the mass product
supply, Bosch Sensortec qualifies additional sources (e.g. 2nd source) for the package of the BME280.
While Bosch Sensortec took care that all of the technical packages parameters are described above
are 100% identical for all sources, there can be differences in the chemical content and the internal
structural between the different package sources.
However, as secured by the extensive product qualification process of Bosch Sensortec, this has no
impact to the usage or to the quality of the BME280 product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com