Electronic Components Datasheet Search
  English  ▼

X  

BME280 Datasheet(PDF) 52 Page - Bosch Sensortec GmbH

Part # BME280
Description  Combined humidity and pressure sensor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BME280 Datasheet(HTML) 52 Page - Bosch Sensortec GmbH

Back Button BME280 Datasheet HTML 48Page - Bosch Sensortec GmbH BME280 Datasheet HTML 49Page - Bosch Sensortec GmbH BME280 Datasheet HTML 50Page - Bosch Sensortec GmbH BME280 Datasheet HTML 51Page - Bosch Sensortec GmbH BME280 Datasheet HTML 52Page - Bosch Sensortec GmbH BME280 Datasheet HTML 53Page - Bosch Sensortec GmbH BME280 Datasheet HTML 54Page - Bosch Sensortec GmbH BME280 Datasheet HTML 55Page - Bosch Sensortec GmbH BME280 Datasheet HTML 56Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 60 page
background image
Bosch Sensortec | BME280 Data sheet
52 | 60
Modifications reserved | Data subject to change without notice
Document number: BST-BME280-DS001-23 Revision_1.23_012022
9.4 Response time using IIR filter
When using the IIR filter, the response time of the sensor depends on the selected filter coefficient and
the data rate used. It can be calculated using the following formula:
������������������������������������������������������������������������������������������������������������,75%=1000⋅������������������������������������������������������������������������������������������������,75%
������������������������������������
For the example above with a data rate of 13.51 Hz, the user could select a filter coefficient of 8.
According to Table 6, the number of samples needed to reach 75% of a step response using this filter
setting is 11. The response time with filter is therefore:
������������������������������������������������������������������������������������������������������������,75%=1000⋅11
13.51 =814ms
9.5 Current consumption
The current consumption depends on the selected oversampling settings, the measurement rate and
the sensor mode, but not on the IIR filter setting. It can be calculated as:
������������������������������������,������������������������������������������������������������������������=������������������������������������������������������������⋅(1−������������������������������������������������������������������������������������������������⋅������������������������������������)+������������������������������������1000
⋅�205+������������������������������������������������⋅[2⋅������������_������������������������������������������������������������������������������������������������������������������������������������������������]������������������������������������������������_������������≠0+������������������������������������������������⋅[2⋅������������_������������������������������������������������������������������������������������������������������������������������������������������������+0.5]������������������������������������������������_������������≠0
+������������������������������������������������⋅[2⋅������������_������������������������������������������������������������������������������������������������������������������������������������������������+0.5]������������������������������������������������_ℎ≠0�
������������������������������������,������������������������������������������������������������������������=������������������������������������������������������������⋅(1−������������������������������������������������������������������������������������������������⋅������������������������������������)+������������������������������������1000
⋅�205+������������������������������������������������⋅[2⋅������������_������������������������������������������������������������������������������������������������������������������������������������������������]������������������������������������������������_������������≠0+������������������������������������������������⋅[2⋅������������_������������������������������������������������������������������������������������������������������������������������������������������������+0.5]������������������������������������������������_������������≠0
+������������������������������������������������⋅[2⋅������������_������������������������������������������������������������������������������������������������������������������������������������������������+0.5]������������������������������������������������_ℎ≠0�
Note that the only difference between forced and normal mode current consumption is that the current
for the inactive time is either IDDSL or IDDSB. For the example above, the current would be
������������������������������������,������������������������������������������������������������������������=0.2⋅(1−0.0115⋅13.51)+13.511000(205+350⋅[2⋅1]+714⋅[2⋅4+0.5]+[0])
=0.2⋅(0.845)+13.511000(205+700+6069+0)
=0.2+94.2=94.4µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com