Electronic Components Datasheet Search
  English  ▼

X  

BME280 Datasheet(PDF) 26 Page - Bosch Sensortec GmbH

Part # BME280
Description  Combined humidity and pressure sensor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BME280 Datasheet(HTML) 26 Page - Bosch Sensortec GmbH

Back Button BME280 Datasheet HTML 22Page - Bosch Sensortec GmbH BME280 Datasheet HTML 23Page - Bosch Sensortec GmbH BME280 Datasheet HTML 24Page - Bosch Sensortec GmbH BME280 Datasheet HTML 25Page - Bosch Sensortec GmbH BME280 Datasheet HTML 26Page - Bosch Sensortec GmbH BME280 Datasheet HTML 27Page - Bosch Sensortec GmbH BME280 Datasheet HTML 28Page - Bosch Sensortec GmbH BME280 Datasheet HTML 29Page - Bosch Sensortec GmbH BME280 Datasheet HTML 30Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 60 page
background image
Bosch Sensortec | BME280 Data sheet
26 | 60
Modifications reserved | Data subject to change without notice
Document number: BST-BME280-DS001-23 Revision_1.23_012022
v_x1_u32r = (((((adc_H << 14) – (((BME280_S32_t)dig_H4) << 20) – (((BME280_S32_t)dig_H5) *
v_x1_u32r)) + ((BME280_S32_t)16384)) >> 15) * (((((((v_x1_u32r *
((BME280_S32_t)dig_H6)) >> 10) * (((v_x1_u32r * ((BME280_S32_t)dig_H3)) >> 11) +
((BME280_S32_t)32768))) >> 10) + ((BME280_S32_t)2097152)) * ((BME280_S32_t)dig_H2) +
8192) >> 14));
v_x1_u32r = (v_x1_u32r – (((((v_x1_u32r >> 15) * (v_x1_u32r >> 15)) >> 7) *
((BME280_S32_t)dig_H1)) >> 4));
v_x1_u32r = (v_x1_u32r < 0 ? 0 : v_x1_u32r);
v_x1_u32r = (v_x1_u32r > 419430400 ? 419430400 : v_x1_u32r);
return (BME280_U32_t)(v_x1_u32r>>12);
}
5. Global memory map and register description
5.1 General remarks
The entire communication with the device is performed by reading from and writing to registers.
Registers have a width of 8 bits. There are several registers which are reserved; they should not be
written to and no specific value is guaranteed when they are read. For details on the interface, consult
chapter 6.
5.2 Register compatibility to BMP280
The BME280 is downward register compatible to the BMP280, which means that the pressure and
temperature control and readout is identical to BMP280. However, the following exceptions have to be
considered:
Table 17: Register incompatibilities between BMP280 and BME280
Register
Bits Content
BMP280
BME280
0xD0 “id”
7:0
chip_id
Read value is
0x56 / 0x57 (samples)
0x58 (mass production)
Read value is 0x60
0xF5 “config”
7:5
t_sb
‘110’: 2000 ms
‘111’: 4000 ms
‘110’: 10 ms
‘111’: 20 ms
0xF7…0xF9 “press” 19:0
press
Resolution (16…20 bit)
depends only on osrs_p
Without filter, resolution depends on
osrs_p; when using filter, resolution
is always 20 bit
0xFA…0xFC “temp” 19:0
temp
Resolution (16…20 bit)
only depends on osrs_t
Without filter, resolution depends on
osrs_t; when using filter, resolution is
always 20 bit
5.3 Memory map
The memory map is given in Table 18 below. Reserved registers are not shown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com