Electronic Components Datasheet Search
  English  ▼

X  

BME280 Datasheet(PDF) 37 Page - Bosch Sensortec GmbH

Part # BME280
Description  Combined humidity and pressure sensor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BME280 Datasheet(HTML) 37 Page - Bosch Sensortec GmbH

Back Button BME280 Datasheet HTML 33Page - Bosch Sensortec GmbH BME280 Datasheet HTML 34Page - Bosch Sensortec GmbH BME280 Datasheet HTML 35Page - Bosch Sensortec GmbH BME280 Datasheet HTML 36Page - Bosch Sensortec GmbH BME280 Datasheet HTML 37Page - Bosch Sensortec GmbH BME280 Datasheet HTML 38Page - Bosch Sensortec GmbH BME280 Datasheet HTML 39Page - Bosch Sensortec GmbH BME280 Datasheet HTML 40Page - Bosch Sensortec GmbH BME280 Datasheet HTML 41Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 60 page
background image
Bosch Sensortec | BME280 Data sheet
37 | 60
Modifications reserved | Data subject to change without notice
Document number: BST-BME280-DS001-23 Revision_1.23_012022
CSB
SCK
T_setup_csb
T_low_sck
T_high_sck
T_hold_csb
SDI
T_setup_sdi
T_hold_sdi
SDO
T_delay_sdo
Figure 15: SPI timing diagram
Table 34: SPI timings
Parameter
Symbol
Condition
Min
Typ
Max
Unit
SPI clock input frequency F_spi
0
10
MHz
SCK low pulse
T_low_sck
20
ns
SCK high pulse
T_high_sck
20
ns
SDI setup time
T_setup_sdi
20
ns
SDI hold time
T_hold_sdi
20
ns
SDO output delay
T_delay_sdo 25 pF load, VDDIO=1.6 V min
30
ns
SDO output delay
T_delay_sdo 25 pF load, VDDIO=1.2 V min
40
ns
CSB setup time
T_setup_csb
20
ns
CSB hold time
T_hold_csb
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com