Electronic Components Datasheet Search
  English  ▼

X  

BME280 Datasheet(PDF) 27 Page - Bosch Sensortec GmbH

Part # BME280
Description  Combined humidity and pressure sensor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BME280 Datasheet(HTML) 27 Page - Bosch Sensortec GmbH

Back Button BME280 Datasheet HTML 23Page - Bosch Sensortec GmbH BME280 Datasheet HTML 24Page - Bosch Sensortec GmbH BME280 Datasheet HTML 25Page - Bosch Sensortec GmbH BME280 Datasheet HTML 26Page - Bosch Sensortec GmbH BME280 Datasheet HTML 27Page - Bosch Sensortec GmbH BME280 Datasheet HTML 28Page - Bosch Sensortec GmbH BME280 Datasheet HTML 29Page - Bosch Sensortec GmbH BME280 Datasheet HTML 30Page - Bosch Sensortec GmbH BME280 Datasheet HTML 31Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 60 page
background image
Bosch Sensortec | BME280 Data sheet
27 | 60
Modifications reserved | Data subject to change without notice
Document number: BST-BME280-DS001-23 Revision_1.23_012022
Table 18: Memory map
Register Name
Address
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
Reset
state
hum_lsb
0xFE
0x00
hum_msb
0xFD
0x80
temp_xlsb
0xFC
0
0
0
0
0x00
temp_lsb
0xFB
0x00
temp_msb
0xFA
0x80
press_xlsb
0xF9
0
0
0
0
0x00
press_lsb
0xF8
0x00
press_msb
0xF7
0x80
config
0xF5
spi3w_en[0]
0x00
ctrl_meas
0xF4
0x00
status
0xF3
measuring[0]
im_update[0]
0x00
ctrl_hum
0xF2
0x00
calib26..calib41 0xE1…0xF0
individual
reset
0xE0
0x00
id
0xD0
0x60
calib00..calib25 0x88…0xA1
individual
Registers: Reserved
registers
Calibration
data
Control
registers
Data
registers
Status
registers
Chip ID
Reset
Type:
do not
change
read only
read / write read only
read only
read only
write only
hum_lsb<7:0>
press_lsb<7:0>
press_msb<7:0>
mode[1:0]
t_sb[2:0]
press_xlsb<7:4>
temp_xlsb<7:4>
temp_lsb<7:0>
temp_msb<7:0>
calibration data
chip_id[7:0]
osrs_h[2:0]
hum_msb<7:0>
calibration data
reset[7:0]
osrs_p[2:0]
filter[2:0]
osrs_t[2:0]
5.4 Register description
5.4.1
Register 0xD0 “id”
The “id” register contains the chip identification number chip_id[7:0], which is 0x60. This number can
be read as soon as the device finished the power-on-reset.
5.4.2
Register 0xE0 “reset”
The “reset” register contains the soft reset word reset[7:0]. If the value 0xB6 is written to the register,
the device is reset using the complete power-on-reset procedure. Writing other values than 0xB6 has
no effect. The readout value is always 0x00.
5.4.3
Register 0xF2 “ctrl_hum”
The “ctrl_hum” register sets the humidity data acquisition options of the device. Changes to this
register only become effective after a write operation to “ctrl_meas”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com