Electronic Components Datasheet Search
  English  ▼

X  

BME280 Datasheet(PDF) 20 Page - Bosch Sensortec GmbH

Part # BME280
Description  Combined humidity and pressure sensor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BME280 Datasheet(HTML) 20 Page - Bosch Sensortec GmbH

Back Button BME280 Datasheet HTML 16Page - Bosch Sensortec GmbH BME280 Datasheet HTML 17Page - Bosch Sensortec GmbH BME280 Datasheet HTML 18Page - Bosch Sensortec GmbH BME280 Datasheet HTML 19Page - Bosch Sensortec GmbH BME280 Datasheet HTML 20Page - Bosch Sensortec GmbH BME280 Datasheet HTML 21Page - Bosch Sensortec GmbH BME280 Datasheet HTML 22Page - Bosch Sensortec GmbH BME280 Datasheet HTML 23Page - Bosch Sensortec GmbH BME280 Datasheet HTML 24Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 60 page
background image
Bosch Sensortec | BME280 Data sheet
20 | 60
Modifications reserved | Data subject to change without notice
Document number: BST-BME280-DS001-23 Revision_1.23_012022
Table 8: Settings and performance for humidity sensing
Suggested settings for weather monitoring
Sensor mode
forced mode, 1 sample / second
Oversampling settings
pressure ×0, temperature ×1, humidity ×1
IIR filter settings
filter off
Performance for suggested settings
Current consumption
2.9 µA
RMS Noise
0.07 %RH
Data output rate
1 Hz
3.5.3
Indoor navigation
Lowest possible altitude noise is needed. A very low bandwidth is preferred. Increased power
consumption is tolerated. Humidity is measured to help detect room changes. This setting is
suggested for the Android settings ‘SENSOR_DELAY_NORMAL’ and ‘SENSOR_DELAY_UI’.
Table 9: Settings and performance for indoor navigation
Suggested settings for indoor navigation
Sensor mode
normal mode, tstandby = 0.5 ms
Oversampling settings
pressure ×16, temperature ×2, humidity ×1
IIR filter settings
filter coefficient 16
Performance for suggested settings
Current consumption
633 µA
RMS Noise
0.2 Pa / 1.7 cm
Data output rate
25Hz
Filter bandwidth
0.53 Hz
Response time (75%)
0.9 s
3.5.4
Gaming
Low altitude noise is needed. The required bandwidth is ~2 Hz in order to respond quickly to altitude
changes (e.g. be able to dodge a flying monster in a game). Increased power consumption is
tolerated. Humidity sensor is disabled. This setting is suggested for the Android settings
‘SENSOR_DELAY_GAMING’ and ‘SENSOR_DELAY_FASTEST’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com