Electronic Components Datasheet Search
  English  ▼

X  

BME280 Datasheet(PDF) 22 Page - Bosch Sensortec GmbH

Part # BME280
Description  Combined humidity and pressure sensor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BME280 Datasheet(HTML) 22 Page - Bosch Sensortec GmbH

Back Button BME280 Datasheet HTML 18Page - Bosch Sensortec GmbH BME280 Datasheet HTML 19Page - Bosch Sensortec GmbH BME280 Datasheet HTML 20Page - Bosch Sensortec GmbH BME280 Datasheet HTML 21Page - Bosch Sensortec GmbH BME280 Datasheet HTML 22Page - Bosch Sensortec GmbH BME280 Datasheet HTML 23Page - Bosch Sensortec GmbH BME280 Datasheet HTML 24Page - Bosch Sensortec GmbH BME280 Datasheet HTML 25Page - Bosch Sensortec GmbH BME280 Datasheet HTML 26Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
Bosch Sensortec | BME280 Data sheet
22 | 60
Modifications reserved | Data subject to change without notice
Document number: BST-BME280-DS001-23 Revision_1.23_012022
Table 12: Noise and current for pressure
Typical RMS noise in pressure [Pa] at 25 °C
Typ. current [µA] at 1 Hz forced
mode, 25 °C, pressure and
temperature measurement, incl.
IDDSM
Pressure / temperature
oversampling setting
IIR filter coefficient
off
2
4
8
16
×1 / ×1
3.3
1.9
1.2
0.9
0.4
2.8
×2 / ×1
2.6
1.5
1.0
0.6
0.4
4.2
×4 / ×1
2.1
1.2
0.8
0.5
0.3
7.1
×8 / ×1
1.6
1.0
0.6
0.4
0.2
12.8
×16 / ×2
1.3
0.8
0.5
0.4
0.2
24.9
Table 13: Temperature dependence of pressure noise
RMS noise at different temperatures
Temperature
Typical change in noise
compared to 25 °C
-10 °C
+25 %
25 °C
±0 %
75 °C
-5 %
Table 14: Noise in temperature
Temperature
oversampling setting
Typical RMS noise in
temperature [°C] at 25 °C
×1
0.005
×2
0.004
×4
0.003
×8
0.003
×16
0.002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com