Electronic Components Datasheet Search
  English  ▼

X  

BME280 Datasheet(PDF) 30 Page - Bosch Sensortec GmbH

Part # BME280
Description  Combined humidity and pressure sensor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BME280 Datasheet(HTML) 30 Page - Bosch Sensortec GmbH

Back Button BME280 Datasheet HTML 26Page - Bosch Sensortec GmbH BME280 Datasheet HTML 27Page - Bosch Sensortec GmbH BME280 Datasheet HTML 28Page - Bosch Sensortec GmbH BME280 Datasheet HTML 29Page - Bosch Sensortec GmbH BME280 Datasheet HTML 30Page - Bosch Sensortec GmbH BME280 Datasheet HTML 31Page - Bosch Sensortec GmbH BME280 Datasheet HTML 32Page - Bosch Sensortec GmbH BME280 Datasheet HTML 33Page - Bosch Sensortec GmbH BME280 Datasheet HTML 34Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 60 page
background image
Bosch Sensortec | BME280 Data sheet
30 | 60
Modifications reserved | Data subject to change without notice
Document number: BST-BME280-DS001-23 Revision_1.23_012022
5.4.6
Register 0xF5 “config”
The “config” register sets the rate, filter and interface options of the device. Writes to the “config”
register in normal mode may be ignored. In sleep mode writes are not ignored.
Table 26: Register 0xF5 “config”
Register 0xF5
“config”
Name
Description
Bit 7, 6, 5
t_sb[2:0]
Controls inactive duration tstandby in normal mode.
See Table 27 for settings and chapter 3.3.4 for
details.
Bit 4, 3, 2
filter[2:0]
Controls the time constant of the IIR filter. See Table
27 for settings and chapter 3.4.4 for details.
Bit 0
spi3w_en[0]
Enables 3-wire SPI interface when set to ‘1’. See
chapter 6.3 for details.
Table 27: t_sb settings
t_sb[2:0]
tstandby [ms]
000
0.5
001
62.5
010
125
011
250
100
500
101
1000
110
10
111
20
Table 28: filter settings
filter[2:0]
Filter coefficient
000
Filter off
001
2
010
4
011
8
100, others
16
5.4.7
Register 0xF7…0xF9 “press” (_msb, _lsb, _xlsb)
The “press” register contains the raw pressure measurement output data up[19:0]. For details on how
to read out the pressure and temperature information from the device, please consult chapter 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com